Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 193 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 193 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 189Page - Texas Instruments AM3359 Datasheet HTML 190Page - Texas Instruments AM3359 Datasheet HTML 191Page - Texas Instruments AM3359 Datasheet HTML 192Page - Texas Instruments AM3359 Datasheet HTML 193Page - Texas Instruments AM3359 Datasheet HTML 194Page - Texas Instruments AM3359 Datasheet HTML 195Page - Texas Instruments AM3359 Datasheet HTML 196Page - Texas Instruments AM3359 Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 236 page
background image
LCD_AC_BIAS_EN
(E0)
W_SU
(0 to 31)
W_STROBE
(1 to 63)
W_HOLD
(1 to 15)
CS_DELAY
(0 to 3)
LCD_MEMORY_CLK
4
Write Instruction
5
10
6
LCD_D
[7:0]
ATA
LCD_VSYNC
(RS)
LCD_HSYNC
(R/
)
W
LCD_MEMORY_CLK
(E1)
6
7
10
11
6
6
7
8
8
9
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
Table 5-75. Switching Characteristics for LCD LIDD Mode (continued)
(see Figure 5-72 through Figure 5-80)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
11
tt(LCD_HSYNC)
Transition time, LCD_HYSNC
1
10
ns
12
td(LCD_MEMORY_CLK-LCD_PCLK)
Delay time, LCD_MEMORY_CLK high to LCD_PCLK
0
7
ns
13
tt(LCD_PCLK)
Transition time, LCD_PCLK
1
10
ns
Delay time, LCD_MEMORY_CLK high to
14
td(LCD_MEMORY_CLK-LCD_DATAZ)
0
7
ns
LCD_DATA[15:0] high-Z
Delay time, LCD_MEMORY_CLK high to
15
td(LCD_MEMORY_CLK-LCD_DATA)
0
7
ns
LCD_DATA[15:0] driven
19
tt(LCD_MEMORY_CLK)
Transition time, LCD_MEMORY_CLK
1
2.5
ns
20
tt(LCD_DATA)
Transition time, LCD_DATA
1
10
ns
A.
Hitachi mode performs asynchronous operations that do not require an external LCD_MEMORY_CLK. The first
LCD_MEMORY_CLK waveform is only shown as a reference of the internal clock that sequences the other signals.
The second LCD_MEMORY_CLK waveform is shown as E1 since the LCD_MEMORY_CLK signal is used to
implement the E1 function in Hitachi mode.
Figure 5-71. Command Write in Hitachi Mode
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
193
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com