Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 191 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 191 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 187Page - Texas Instruments AM3359 Datasheet HTML 188Page - Texas Instruments AM3359 Datasheet HTML 189Page - Texas Instruments AM3359 Datasheet HTML 190Page - Texas Instruments AM3359 Datasheet HTML 191Page - Texas Instruments AM3359 Datasheet HTML 192Page - Texas Instruments AM3359 Datasheet HTML 193Page - Texas Instruments AM3359 Datasheet HTML 194Page - Texas Instruments AM3359 Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 236 page
background image
3
TCK
TDO
TDI/TMS
2
4
1
1a
1b
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
5.8
JTAG Electrical Data and Timing
Table 5-71. Timing Requirements for JTAG
(see Figure 5-70)
OPP100
OPP50
NO.
UNIT
MIN
MAX
MIN
MAX
1
tc(TCK)
Cycle time, TCK
81.5
104.5
ns
1a
tw(TCKH)
Pulse duration, TCK high (40% of tc)
32.6
41.8
ns
1b
tw(TCKL)
Pulse duration, TCK low (40% of tc)
32.6
41.8
ns
tsu(TDI-TCKH)
Input setup time, TDI valid to TCK high
3
3
ns
3
tsu(TMS-TCKH)
Input setup time, TMS valid to TCK high
3
3
ns
th(TCKH-TDI)
Input hold time, TDI valid from TCK high
8.05
8.05
ns
4
th(TCKH-TMS)
Input hold time, TMS valid from TCK high
8.05
8.05
ns
Table 5-72. Switching Characteristics for JTAG
(see Figure 5-70)
OPP100
OPP50
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
2
td(TCKL-TDO)
Delay time, TCK low to TDO valid
3
27.6
4
36.8
ns
Figure 5-70. JTAG Timing
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
191
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com