Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 190 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 190 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 186Page - Texas Instruments AM3359 Datasheet HTML 187Page - Texas Instruments AM3359 Datasheet HTML 188Page - Texas Instruments AM3359 Datasheet HTML 189Page - Texas Instruments AM3359 Datasheet HTML 190Page - Texas Instruments AM3359 Datasheet HTML 191Page - Texas Instruments AM3359 Datasheet HTML 192Page - Texas Instruments AM3359 Datasheet HTML 193Page - Texas Instruments AM3359 Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 236 page
background image
25
23
19
18
22
27
20
21
17
18
28
Stop
Start
Repeated
Start
Stop
I2C[x]_SDA
I2C[x]_SCL
16
26
24
10
8
4
3
7
12
5
6
14
2
3
13
Stop
Start
Repeated
Start
Stop
I2C[x]_SDA
I2C[x]_SCL
1
11
9
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Figure 5-68. I2C Receive Timing
Table 5-70. Switching Characteristics for I2C Output Timings
(see Figure 5-69)
STANDARD MODE
FAST MODE
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
15
tc(SCL)
Cycle time, SCL
10
2.5
us
Setup Time, SCL high before SDA low (for a repeated
16
tsu(SCLH-SDAL)
4.7
0.6
us
START condition)
Hold time, SCL low after SDA low (for a START and a
17
th(SDAL-SCLL)
4
0.6
us
repeated START condition)
18
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
us
19
tw(SCLH)
Pulse duration, SCL high
4
0.6
us
20
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
250
100
ns
21
th(SCLL-SDAV)
Hold time, SDA valid after SCL low
0
3.45
0
0.9
us
Pulse duration, SDA high between STOP and START
22
tw(SDAH)
4.7
1.3
us
conditions
23
tr(SDA)
Rise time, SDA
1000
300
ns
24
tr(SCL)
Rise time, SCL
1000
300
ns
25
tf(SDA)
Fall time, SDA
300
300
ns
26
tf(SCL)
Fall time, SCL
300
300
ns
27
tsu(SCLH-SDAH)
Setup time, high before SDA high (for STOP condition)
4
0.6
us
Figure 5-69. I2C Transmit Timing
190
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com