Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 188 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 188 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 184Page - Texas Instruments AM3359 Datasheet HTML 185Page - Texas Instruments AM3359 Datasheet HTML 186Page - Texas Instruments AM3359 Datasheet HTML 187Page - Texas Instruments AM3359 Datasheet HTML 188Page - Texas Instruments AM3359 Datasheet HTML 189Page - Texas Instruments AM3359 Datasheet HTML 190Page - Texas Instruments AM3359 Datasheet HTML 191Page - Texas Instruments AM3359 Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 236 page
background image
DQLMY0
1
0
DQLMX1
DQ1
DQ0
DQLMX0
DQ[8:15], DM1, DQS1
DQ[0:7], DM0, DQS0
DQLMY1
DQ0 - DQ1 represent data bytes 0 - 1.
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
There are two DQLMs, one for each byte (16-bit interface). Each DQLM is the longest Manhattan distance of the byte;
therefore:
DQLM0 = DQLMX0 + DQLMY0
DQLM1 = DQLMX1 + DQLMY1
Figure 5-67. DQLM for Any Number of Allowed DDR3 Devices
Table 5-67. DQS[x] and DQ[x] Routing Specification(1)(2)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
DQ0 nominal length(3)(4)
DQLM0
mils
2
DQ1 nominal length(3)(5)
DQLM1
mils
3
DQ[x] skew(6)
25
mils
4
DQS[x] skew
5
mils
5
DQS[x]-to-DQ[x] skew(6)(7)
25
mils
6
Center-to-center DQ[x] to other DDR3 trace spacing(8)(9)
4w
7
Center-to-center DQ[x] to other DQ[x] trace spacing(8)(10)
3w
8
DQS[x] center-to-center spacing(11)
9
DQS[x] center-to-center spacing to other net(8)
4w
(1) DQS[x] represents the DQS0 and DQS1 clock net classes, and DQ[x] represents the DQ0 and DQ1 signal net classes.
(2) External termination disallowed. Data termination should use built-in ODT functionality.
(3) DQLMn is the longest Manhattan distance of a byte. For definition, see Section 5.6.2.3.6.2 and Figure 5-67.
(4) DQLM0 is the longest Manhattan length for the DQ0 net class.
(5) DQLM1 is the longest Manhattan length for the DQ1 net class.
(6) Length matching is only done within a byte. Length matching across bytes is not required.
(7) Each DQS clock net class is length matched to its associated DQ signal net class.
(8) Center-to-center spacing is allowed to fall to minimum for up to 1250 mils of routed length.
(9) Other DDR3 trace spacing means signals that are not part of the same DQ[x] signal net class.
(10) This applies to spacing within same DQ[x] signal net class.
(11) DQS[x] pair spacing is set to ensure proper differential impedance. Differential impedance should be Zo x 2, where Zo is the single-
ended impedance defined in Table 5-60.
188
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com