Electronic Components Datasheet Search
  English  ▼

X  

DAC5682 Datasheet(PDF) 34 Page - Texas Instruments

Part # DAC5682
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DAC5682 Datasheet HTML 30Page - Texas Instruments DAC5682 Datasheet HTML 31Page - Texas Instruments DAC5682 Datasheet HTML 32Page - Texas Instruments DAC5682 Datasheet HTML 33Page - Texas Instruments DAC5682 Datasheet HTML 34Page - Texas Instruments DAC5682 Datasheet HTML 35Page - Texas Instruments DAC5682 Datasheet HTML 36Page - Texas Instruments DAC5682 Datasheet HTML 37Page - Texas Instruments DAC5682 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
BBOUT Clk
Ideal
Data
Placement
Ideal
Data
Placement
BBOUT Data, BBOUT Sync
t
skmin
t
skmax
t
skmax
t
skmin
T0509-01
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
Figure 17. RX Baseband LVDS DDR0 Output Timing Specifications
The DAC TX interface has a 40-signal output bus. The DAC TX bus can provide 4-byte-wide or 2-word-wide
interfaces. Table 5 shows the different DAC devices that can be connected to the TX output ports. The DAC TX
interface has two styles of clock output, one where the DDR clock is centered over the output data-stable time,
and one where the clock transition is aligned with the data transition. If the output clock rate is greater than
500 MHz, the GC533x must be configured for clock transition aligned with the data transition. Depending on the
DAC type selected, the clock, frame, and data for the DAC may require a trace routing delay for proper
alignment. See Table 14, Table 15, and Table 16.
Table 14. TX DAC and Envelope Modulator Characteristics
DAC or Envelope Modulator
Timing Model
DAC Data Rate
Table Number
Figure Number
Type
DAC3282, 3283 byte-envelope
Clock centered over data
<1000 Mbyte/s
Table 15
Figure 18
modulator
DAC3282, 3283 byte-envelope
Clock aligned with data at GC533x, routing
≥1000 Mbyted/s
Table 16
Figure 19
modulator
provides timing skew for clock centered over data
DAC3484, 3482 word
Clock centered over data
<1000 Mword/s
Table 15
Figure 18
Clock aligned with data at GC533x, routing
DAC3484, 3482 word
≥1000 Mword/s
Table 16
Figure 19
provides timing skew for clock centered over data
Clock aligned with data at GC533x. PC board
DAC5682
routing may be required to provide some timing
All
Table 16
Figure 19
skew for optimum performance.
34
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com