Electronic Components Datasheet Search
  English  ▼

X  

DAC5682 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC5682
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682 Datasheet(HTML) 5 Page - Texas Instruments

  DAC5682 Datasheet HTML 1Page - Texas Instruments DAC5682 Datasheet HTML 2Page - Texas Instruments DAC5682 Datasheet HTML 3Page - Texas Instruments DAC5682 Datasheet HTML 4Page - Texas Instruments DAC5682 Datasheet HTML 5Page - Texas Instruments DAC5682 Datasheet HTML 6Page - Texas Instruments DAC5682 Datasheet HTML 7Page - Texas Instruments DAC5682 Datasheet HTML 8Page - Texas Instruments DAC5682 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
C6748
DSP
GC533x
DUC-CFR
DPD
DDC
DAC
DAC
I/QMod
I/QMod
I/QMod
I/QMod
PA
PA
PA
PA
SW
Baseband
Data
DAC3484
ADS61B49
TRF3703/3720
Complex
TX
Subsampled
Feedback
Mixer/BPF
Mixer/BPF
Mixer/BPF
Mixer/BPF
Mixer/BPF
LNA
LNA
LNA
LNA
ADS62P49
ADS62P49
RX
FB
I/Q
I/Q
RX
RX
RX
Real
RX
Real
RX
B0441-01
ADC
ADC
ADC
ADC
ADC
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
Figure 5. Four-Antenna-Mode Subsampled Real-Feedback Example Diagram
GENERAL DESCRIPTION
The GC533x is a wideband transmit and receive signal processor that includes digital downconverter/upconverter
(DDUC), transmit, receive, and capture buffer blocks. The transmit path includes crest factor reduction (CFR),
digital predistortion (DPD) and associated feedback path, complex equalization, and bulk upconversion. The
receive path includes wideband and narrowband automatic gain control (AGC), bulk downconversion, complex
equalization, and I/Q imbalance correction. The GC5337 is a higher-speed version of the GC5330 that has the
same package, but with interfaces that can provide more processing performance for higher-bandwidth
applications. In the descriptions, the GC5337 differences are shown with { } values.
The architecture supports different RX, TX, and feedback modes of operation. This provides for many
configurations to optimize performance and cost.
•
RX
– real or complex input
•
TX
– real, complex, complex with envelope tracking
•
Feedback
– subsampled real, full-rate real, full-rate complex
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com