Electronic Components Datasheet Search
  English  ▼

X  

DAC5682 Datasheet(PDF) 40 Page - Texas Instruments

Part # DAC5682
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC5682 Datasheet HTML 36Page - Texas Instruments DAC5682 Datasheet HTML 37Page - Texas Instruments DAC5682 Datasheet HTML 38Page - Texas Instruments DAC5682 Datasheet HTML 39Page - Texas Instruments DAC5682 Datasheet HTML 40Page - Texas Instruments DAC5682 Datasheet HTML 41Page - Texas Instruments DAC5682 Datasheet HTML 42Page - Texas Instruments DAC5682 Datasheet HTML 43Page - Texas Instruments DAC5682 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
SYNCA, SYNCB
DPD Clock
t
su
t
h
T0514-01
4 cycles, min.
DPDClock
SyncOut
t
HO
T0515-01
t
d
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
Figure 22. SYNCA, SYNCB Timing to DPD Clock
Table 23. DPD Clock and Sync Out Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
td(SYNCOut)
Data valid after DPD clock
See (1)
0.95
ns
tHO(SYNCOut)
Data held valid after next DPD clock
See (1)
0.3
ns
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
Figure 23. Sync Out Timing to DPD Clock
The JTAG test connections are used with the CMOS signals for board interconnection tests. The TRSTB pin
must be toggled low, or low initially. If JTAG is not used, the TRSTB signal should be GROUNDed or tied to
GND through
< 1 kΩ resistance. TRSTB should be 0 for normal operation.
Table 24. JTAG Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fTCK
JTAG clock frequency
50
MHz
tTCKL
JTAG clock low period
See (1)
10
ns
tTCKH
JTAG clock high period
See (1)
10
ns
tsu(TDI,TMS)
Input data setup time before fTCK↑
See (1)
7
ns
tH(TDI,TMS)
Input data hold time after fTCK↑
See (1)
1.5
td
Output data delay from fTCK↓
See (1)
10
ns
tOHD(TDO)
Previous data valid from fTCK↓
See (1)
2
ns
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
40
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com