Electronic Components Datasheet Search
  English  ▼

X  

DAC5682 Datasheet(PDF) 45 Page - Texas Instruments

Part # DAC5682
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DAC5682 Datasheet HTML 41Page - Texas Instruments DAC5682 Datasheet HTML 42Page - Texas Instruments DAC5682 Datasheet HTML 43Page - Texas Instruments DAC5682 Datasheet HTML 44Page - Texas Instruments DAC5682 Datasheet HTML 45Page - Texas Instruments DAC5682 Datasheet HTML 46Page - Texas Instruments DAC5682 Datasheet HTML 47Page - Texas Instruments DAC5682 Datasheet HTML 48Page - Texas Instruments DAC5682 Datasheet HTML 49Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
APPENDIX
Glossary of Terms
3G
Third generation (refers to next-generation wideband cellular systems that use CDMA)
3GPP
Third Generation Partnership Project (W-CDMA specification, www.3gpp.org)
3GPP2
Third Generation Partnership Project 2 (cdma2000 specification, www.3gpp2.org)
ACLR
Adjacent-channel leakage ratio (measure of out-of-band energy from one CDMA carrier)
ACPR
Adjacent-channel power ratio
ADC
Analog-to-digital converter
BBclk
Clock-to-baseband section of GC533x
BW
Bandwidth
CCDF
Complementary cumulative distribution function
CDMA
Code division multiple access (spread spectrum)
CEVM
Composite error vector magnitude
CFR
Crest factor reduction
DPD_CLK
Clock-to-DPD section of GC533x
CIC
Cascaded integrator comb (type of digital filter)
CMOS
Complementary metal-oxide semiconductor
DAC
Digital-to-analog converter
dB
Decibels
dBm
Decibels relative to 1 mW (30 dBm = 1 W)
DDR
Dual data rate (ADC output format)
DPD
Digital pre-distortion
DSP
Digital signal processing or digital signal processor
DUC
Digital upconverter (usually provides the GC533x input)
EVM
Error vector magnitude
FIR
Finite impulse response (type of digital filter)
HP-DPD
High-performance DPD mode of the GC533x
HS-DPD
High-speed DPD mode of the GC533x
I/Q
In-phase and quadrature (signal representation)
IF
Intermediate frequency
IIR
Infinite impulse response (type of digital filter)
JTAG
Joint Test Action Group (chip debug and test standard 1149.1)
LO
Local oscillator
LSB
Least-significant bit
MSB
Most-significant bit
MSPS
Megasamples per second (1
× 106 samples/s)
PA
Power amplifier
PAR
Peak-to-average ratio
PCDE
Peak code domain error
PDC
Peak detection and cancellation (stage)
PDF
Probability density function
RF
Radio frequency
RMS
Root-mean-square (method to quantify error)
SDR
Single data rate (ADC output format)
SEM
Spectrum emission mask
SNR
Signal-to-noise ratio (usually measured in dB or dBm)
UMTS
Universal mobile telephone service
W-CDMA
Wideband code division multiple access (synonymous with 3GPP)
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com