Electronic Components Datasheet Search
  English  ▼

X  

DAC5682 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC5682
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5682 Datasheet HTML 2Page - Texas Instruments DAC5682 Datasheet HTML 3Page - Texas Instruments DAC5682 Datasheet HTML 4Page - Texas Instruments DAC5682 Datasheet HTML 5Page - Texas Instruments DAC5682 Datasheet HTML 6Page - Texas Instruments DAC5682 Datasheet HTML 7Page - Texas Instruments DAC5682 Datasheet HTML 8Page - Texas Instruments DAC5682 Datasheet HTML 9Page - Texas Instruments DAC5682 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
The RX path can be configured for one or two multichannel ADC input ports. The RX block provides each ADC
channel with a front-end AGC, IQ demodulation correction, real-to-complex conversion, complex mixing,
decimation, and complex equalization. The RX block output is input to the DDUC block. The output of the DDUC
block goes through gain and back-end AGC and is formatted for the baseband output.
There are four DDUC blocks. Each can be used for the RX DDC downconversion or TX DUC upconversion, one
at a time. The DDUC has a complex mixer, cascade integrator comb filter, resampler, and a programmable FIR
filter. Each DDUC can support 1 to 12 channels.
The TX path can be configured for one, two, or four antenna streams. In addition, with one or two antenna
streams, an envelope modulator output is available. The DAC and envelope modulator share the same output
ports. The TX input is from the baseband input, through the DDUC to create complex antenna streams. The CFR
block provides for gain adjustment, peak reduction, and peak limiting. The CFR block peak power reduction and
follow-on circular limiter provide the headroom to apply the DPD correction, and to lower the peak power results
for more power amplifier efficiency. Additional interpolation stages after CFR expand the antenna stream
bandwidth to the DPD bandwidth.
The DPD has both high-performance (more correction) and high-bandwidth (more bandwidth) modes. The
high-bandwidth mode supports 62 MHz {74 MHz} for one or two antenna streams, and 31 MHz {37 MHz} for four
antenna streams with fifth-order expansion bandwidth. The high-performance mode supports one antenna at 62
MHz {74 MHz}, two antennae at 31 MHz {37 MHz}, or four antennae at 15.5 MHz {18.5 MHz}. The GC533x DPD
processor provides phase correction, gain correction, and nonlinear feedforward correction for each TX stream.
The spectral emission or ACP performance is improved by 20 dB or more.
Specialized capture logic collects the RX input, feedback input, RX output, DPD input, and DPD output for the
DSP processor to perform the adaption algorithm. The capture logic can also be used for performance
monitoring and power measurement.
AVAILABLE OPTIONS
PART NUMBER
TC
PACKAGE
THERMAL PROPERTIES
GC5330IZEV
–40°C to 85°C
484 ball 23-mm
× 23-mm PBGA
Heat transfer through package top
GC5337IZEV
–40°C to 85°C
484 ball 23-mm
× 23-mm PBGA
Heat transfer through package top
6
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com