Electronic Components Datasheet Search
  English  ▼

X  

DAC5682 Datasheet(PDF) 26 Page - Texas Instruments

Part # DAC5682
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC5682 Datasheet HTML 22Page - Texas Instruments DAC5682 Datasheet HTML 23Page - Texas Instruments DAC5682 Datasheet HTML 24Page - Texas Instruments DAC5682 Datasheet HTML 25Page - Texas Instruments DAC5682 Datasheet HTML 26Page - Texas Instruments DAC5682 Datasheet HTML 27Page - Texas Instruments DAC5682 Datasheet HTML 28Page - Texas Instruments DAC5682 Datasheet HTML 29Page - Texas Instruments DAC5682 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Q0-E
Qn-D
Qn-H
Qn-E
In-D
Qn-D
I0-E
Qn-B
Qn-F
In-E
In-B
Qn-B
Q1-E
Q0-D
I0-H
Q0-E
I0-D
I0-D
I1-E
Q0-B
I0-F
I0-E
I0-B
I0-B
Q0-O
Qn-C
Qn-G
Qn-O
In-C
Qn-C
I0-O
Qn-A
Qn-E
In-O
In-A
Qn-A
Q1-O
Q0-C
I0-G
Q0-O
I0-C
I0-C
I1-O
Q0-A
I0-E
I0-O
I0-A
I0-A
‘n’ can be up to 47, ‘O’ is 8 (or 9) odd numbered bits (1, 3, 5, ...), ‘E’ is 8 (or 9) even numbered bits (0, 2, 4, ...), with 0 being the LSB
‘n’ can be up to 47, ‘A’ is 4 MSBs, ‘B’ is next 4 bits, ‘C’ is next 4 bits and ‘D’ is 4 LSBs
BB
Data 0
OUT
BB
Data 0
OUT
BB
Data 0
OUT
BBOUT Clk 0
(if DDR Mode 0)
BB
Clk 0
(if DDR Mode 0)
OUT
BBOUT Clk
0
(if DDR Mode 0)
OUT
BB
Clk 0
(if DDR Mode 1 or 2)
OUT
BB
Clk 0
(if DDR Mode 1 or 2)
OUT
BB
Clk 0
(if DDR Mode 1 or 2)
OUT
BB
Sync 0
OUT
BB
Sync 0
OUT
BB
Sync 0
OUT
T0505-01
Mode 1B
18 bit I/Q Data
9I, 9I, 9Q, 9Q
Mode 1BF
16 bit I/Q Data + 4 bits gain
8I +1G, 8I + 1G, 8Q + 1G, 8Q + 1G
Modes 1N, 2N
16 bit I/Q Data
4I, 4I, 4I, 4I, 4Q, 4Q, 4Q, 4Q
Modes 1NF, 2NF
14 bit I/Q Data + 4 bits gain
4I, 4I, 4I, 2I +2Q, 4Q, 4Q, 4Q, 4G
Modes 1S, 2S, 3S
16 bit I/Q Data
4I, 4I, 4I, 4I, 4Q, 4Q, 4Q, 4Q
Modes 1SF, 2SF, 3SF
14 bit I/Q Data + 4 bits gain
4I, 4I, 4I, 2I +2Q, 4Q, 4Q, 4Q, 4G
‘n’ can be up to 47, ‘A’ is 2 MSBs, ‘B’ is next 2 bits, ‘C’ is next 2 bits, ... and ‘H’ is 2 LSBs
Qn-D
Qn-H
Qn-H
In-D
Qn-D
Qn-D
Qn-B
Qn-F
Qn-F
In-B
Qn-B
Qn-B
Q0-D
I0-H
I0-H
I0-D
I0-D
I0-D
Q0-B
I0-F
I0-F
I0-B
I0-B
I0-B
Qn-C
Qn-G
Qn-G
In-C
Qn-C
Qn-C
Qn-A
Qn-E
Qn-E
In-A
Qn-A
Qn-A
Q0-C
I0-G
I0-G
I0-C
I0-C
I0-C
Q0-A
I0-E
I0-E
I0-A
I0-A
I0-A
BB
Data 1
OUT
BB
Data 1
OUT
BB
Data 2
OUT
BBOUT Clk 1
(if DDR Mode 0)
BB
Clk 1
(if DDR Mode 0)
OUT
BBOUT Clk 2
(if DDR Mode 0)
BB
Clk 1
(if DDR Mode 1 or 2)
OUT
BB
Clk 1
(if DDR Mode 1 or 2)
OUT
BB
Clk 2
(if DDR Mode 1 or 2)
OUT
BB
Sync 1
OUT
BB
Sync 1
OUT
BB
Sync 2
OUT
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
Table 8. RX BB Pin Assignments
LVDS Pair BBI[11:0]
Byte Mode
Nibble Mode
Serial Mode
BBOUT[0] pos. and neg.
BB0_DATA_0
BB0_DATA_0
BB0_DATA_0
BBOUT[1] pos. and neg.
BB0_DATA_1
BB0_DATA_1
BB0_DATA_1
BBOUT[2] pos. and neg.
BB0_DATA_2
BB0_SYNC
BB0_SYNC
BBOUT[3] pos. and neg.
Spare
BB0_CLOCK
BB0_CLOCK
BBOUT[4] pos. and neg.
BB0_DATA_3
BB0_DATA_2
BB1_DATA_0
BBOUT[5] pos. and neg.
BB0_DATA_4
BB0_DATA_3
BB1_DATA_1
BBOUT[6] pos. and neg.
BB0_SYNC
BB1_SYNC
BB1_SYNC
BBOUT[7] pos. and neg.
BB0_CLOCK
BB1_CLOCK
BB1_CLOCK
BBOUT[8] pos. and neg.
BB0_DATA_5
BB1_DATA_0
BB2_DATA_0
BBOUT[9] pos. and neg.
BB0_DATA_6
BB1_DATA_1
BB2_DATA_1
BBOUT[10] pos. and neg.
BB0_DATA_7
BB1_DATA_2
BB2_SYNC
BBOUT[11] pos. and neg.
BB0_DATA_8
BB1_DATA_3
BB2_CLOCK
Number of BBdata streams
1
2
3
Number of DDR clocks to transfer 1 complex sample
2
4
8
Figure 13. RX BB Formats
26
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com