Electronic Components Datasheet Search
  English  ▼

X  

DAC5682 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC5682
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682 Datasheet(HTML) 2 Page - Texas Instruments

  DAC5682 Datasheet HTML 1Page - Texas Instruments DAC5682 Datasheet HTML 2Page - Texas Instruments DAC5682 Datasheet HTML 3Page - Texas Instruments DAC5682 Datasheet HTML 4Page - Texas Instruments DAC5682 Datasheet HTML 5Page - Texas Instruments DAC5682 Datasheet HTML 6Page - Texas Instruments DAC5682 Datasheet HTML 7Page - Texas Instruments DAC5682 Datasheet HTML 8Page - Texas Instruments DAC5682 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (Continued)
The CFR block reduces the peak-to-average ratio (PAR) of the digital transmit signals, such as those used in
third-generation (3G) code division multiple access (CDMA) and orthogonal frequency-division multiple-access
(OFDMA) applications.
The DPD path with a 310-MHz DPD clock can be configured to support one antenna at 62 MHz, two antennas at
62 MHz each, or four antennas at 31 MHz each, all with an associated 5
× DPD expansion bandwidth. The
GC533x DPD processor reduces power amplifier (PA) nonlinearity, e.g., as measured by adjacent-channel
leakage ratio (ACLR), by over 20 dB. By reducing the PAR of the digital signal and the PA nonlinearity, the
operational efficiency of follow-on power amplifiers can be substantially improved.
A higher DPD bandwidth is possible with reduced DPD performance. Several architectures that provide
performance and cost optimization are listed in Table 1
Table 1. Sample Configurations for GC5330 {GC5337}
Figure
TX Antenna
DPD Bandwidth
ET Support
Feedback
RX Antenna
Other
2 typical at 250
Lower-cost 2-antenna
Figure 1
2-62 {74} MHz
310 {370} MHz
Subsampled real
Msps, up to 4 at
solution
250 Msps
2 at 250Msps, 4
Full-rate real up to
2-antenna solution with
Figure 2
2-62 {74} MHz
310 {370} MHz
with lower-rate RX
1Gsps
full-rate real feedback
ADC
2 at 250Msps, 4
2-antenna solution with
Subsampled
Figure 3
2-62 {74} MHz
310 {370} MHz
with lower-rate RX complex feedback, lower
complex
ADC
subsampling ratio
2 at 250Msps, 4
2-antenna solution, with
2-envelope
Full-rate real up to
Figure 4
2-62 {74} MHz
310 {370} MHz
with lower-rate RX envelope tracking with
tracking
1Gsps
ADC
full-rate real feedback
4 at 250Msps, 8
Lower-cost 4 antenna
Figure 5
4-31 {37} MHz
155 {185} MHz
Subsampled real
with lower-rate RX
solution
ADC
2
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com