Electronic Components Datasheet Search
  English  ▼

X  

DAC5682 Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC5682
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC5682 Datasheet HTML 10Page - Texas Instruments DAC5682 Datasheet HTML 11Page - Texas Instruments DAC5682 Datasheet HTML 12Page - Texas Instruments DAC5682 Datasheet HTML 13Page - Texas Instruments DAC5682 Datasheet HTML 14Page - Texas Instruments DAC5682 Datasheet HTML 15Page - Texas Instruments DAC5682 Datasheet HTML 16Page - Texas Instruments DAC5682 Datasheet HTML 17Page - Texas Instruments DAC5682 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
Table 2. TX BB Formatter Modes
Maximum Complex Interface Rate per Channel
MODE
DESCRIPTION
Total Number of Interface Pins
N is the number of channels.
1B
Byte mode, 1 interface rate
10 or 11 = 8 or 9 data + 1 clk + 1
(Clk
× 4/4)/N; maximum 192.31 MSPS total (for all
sync
channels)
1N
Nibble mode, 1 interface rate
6 = 4 data + 1 clk + 1 sync
(Clk
× 4/8)/N; maximum 125 (Nibble 0), 96.15 (Nibble
1) MSPS total
1S
Serial mode, 1 interface rate
4 = 2 data + 1 clk + 1 sync
(Clk
× 4/16)/N; maximum 48.07 MSPS total
2N
Nibble mode, 2 interface rates
12 = 4 data + 1 clk + 1 sync + 4
(Clk
× 4/8)/N × 2; maximum 221.15 MSPS total
data + 1 clk + 1 sync
2N
’(1)
Nibble + byte mode, 2 interface
16 = 4 data + 1 clk + 1 sync + 8
Nibble port: (Clk
× 4/8)/N; maximum 125 MSPS total
rates,
data + 1 clk + 1 sync
Byte port: (Clk
× 2/4)/N; maximum 125, 250 MSPS
RX-ADC input pins used for
total
byte-mode port.
2S
Serial mode, 2 interface rates
8 = 2 data + 1 clk + 1 sync + 2 data
(Clk
× 4/16)/N; maximum 96.15 MSPS total
+ 1 clk + 1 sync
3S
Serial mode, 3 interface rates
12 = 2 data + 1 clk+1 sync + 2 data
(Clk
× 4/16)/N; maximum 144.23 MSPS total
+ 1 clk + 1 sync + 2 data + 1 clk + 1
sync
(1)
2N
’ is the only configuration that allows a special mode to re-use RX input port A as baseband TX inputs
Table 3. TX BB Pin Assignments
LVDS PAIR BBI[11:0]
BYTE MODE
NIBBLE MODE
SERIAL MODE
BBIN[0] pos. and neg.
BB0_DATA_0
BB0_DATA_0
BB0_DATA_0
BBIN[1] pos. and neg.
BB0_DATA_1
BB0_DATA_1
BB0_DATA_1
BBIN[2] pos. and neg.
BB0_DATA_2
BB0_SYNC
BB0_SYNC
BBIN[3] pos. and neg.
Spare
BB0_CLOCK
BB0_CLOCK
BBIN[4] pos. and neg.
BB0_DATA_3
BB0_DATA_2
BB1_DATA_0
BBIN[5] pos. and neg.
BB0_DATA_4
BB0_DATA_3
BB1_DATA_1
BBIN[6] pos. and neg.
BB0_SYNC
BB1_SYNC
BB1_SYNC
BBIN[7] pos. and neg.
BB0_CLOCK
BB1_CLOCK
BB1_CLOCK
BBIN[8] pos. and neg.
BB0_DATA_5
BB1_DATA_0
BB2_DATA_0
BBIN[9] pos. and neg.
BB0_DATA_6
BB1_DATA_1
BB2_DATA_1
BBIN[10] pos. and neg.
BB0_DATA_7
BB1_DATA_2
BB2_SYNC
BBIN[11] pos. and neg.
BB0_DATA_8
BB1_DATA_3
BB2_CLOCK
Number of BBdata streams
1
2
3
Number of DDR clocks to transfer 1 complex sample
2
4
8
The actual data transfer rate in nibble mode is 2 times higher than the byte mode for the same total throughput. If
two ports are required (e.g., to support two different sample rates), and a lower speed on the interface is desired,
the GC533x can re-use the RX ADC input port A as a baseband TX input bus. RX ADC port A has 15 pairs of
LVDS input pins and supports one set of baseband input data in byte mode. When RX port A is used as a
baseband TX input, it cannot be also used as an RX input port.
The baseband interface supports a full-clock or gated-clock format. These formats are shown in Figure 11
The mapping for the RX port A pins when in BB TX input mode is:
•
RXA14: clock
•
RXA13: sync
•
RXA12
–5: BB0_DATA7–0
14
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com