Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 17 Page - Altera Corporation

Part # HC220
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 17 Page - Altera Corporation

Back Button HC220 Datasheet HTML 13Page - Altera Corporation HC220 Datasheet HTML 14Page - Altera Corporation HC220 Datasheet HTML 15Page - Altera Corporation HC220 Datasheet HTML 16Page - Altera Corporation HC220 Datasheet HTML 17Page - Altera Corporation HC220 Datasheet HTML 18Page - Altera Corporation HC220 Datasheet HTML 19Page - Altera Corporation HC220 Datasheet HTML 20Page - Altera Corporation HC220 Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
17
Device and Package Cross Reference
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
Mercury Devices
Table 18 lists the device name, package type, and number of pins for the Mercury
device family.
1 The package type entries with “Option #” refer to instances where multiple package
options exist for a given package type and pin count. The option number identifies the
specific type used by the corresponding device density.
FLEX 10KA Devices
Table 19 lists the device name, package type, and number of pins for the FLEX 10KA
device family.
1 The package type entries with “Option #” refer to instances where multiple package
options exist for a given package type and pin count. The option number identifies the
specific type used by the corresponding device density.
Table 18. Mercury Devices
Device
Package
Pins
EP1M120
Dual-Piece Lid: FBGA, Flip Chip, Option 1
484
EP1M350
Dual-Piece Lid: FBGA, Flip Chip, Option 1
780
Table 19. FLEX 10KA Devices
Device
Package
Pins
EPF10K10A
TQFP, Wire Bond
100
TQFP, Wire Bond
144
PQFP, Wire Bond
208
FBGA, Wire Bond, Option 1
256
EPF10K30A
TQFP, Wire Bond
144
PQFP, Wire Bond
208
PQFP, Wire Bond
240
FBGA, Wire Bond, Option 1
256
BGA, Wire Bond
356
FBGA, Wire Bond, Option 2
484
EPF10K100A
RQFP, Wire Bond
240
BGA, Wire Bond
356
FBGA, Wire Bond, Option 2
484
BGA, Wire Bond
600
EPF10K250A
PGA, Wire Bond
599
BGA, Wire Bond
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com