Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 35 Page - Altera Corporation

Part # HC220
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 35 Page - Altera Corporation

Back Button HC220 Datasheet HTML 31Page - Altera Corporation HC220 Datasheet HTML 32Page - Altera Corporation HC220 Datasheet HTML 33Page - Altera Corporation HC220 Datasheet HTML 34Page - Altera Corporation HC220 Datasheet HTML 35Page - Altera Corporation HC220 Datasheet HTML 36Page - Altera Corporation HC220 Datasheet HTML 37Page - Altera Corporation HC220 Datasheet HTML 38Page - Altera Corporation HC220 Datasheet HTML 39Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
35
Thermal Resistance
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
APEX Series Devices Thermal Resistance
Table 36 to Table 37 list thermal resistance values for APEX series devices.
APEX II Devices
Table 36 lists the thermal resistance of APEX II devices.
Table 36. Thermal Resistance of APEX II Devices
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EP2A15
FBGA, Flip Chip (Cu lid)
672
0.2
10.8
8.8
7.4
6.2
FBGA, Flip Chip (AlSiC lid)
0.3
11.6
9.6
8.0
6.6
BGA, Flip Chip (Cu lid)
724
0.2
9.7
7.7
6.4
5.3
BGA, Flip Chip (AlSiC lid)
0.4
10.0
8.2
6.6
5.4
EP2A25
FBGA (Cu lid)
672
0.2
10.7
8.7
7.2
6.1
FBGA, Flip Chip (AlSiC lid)
0.3
11.5
9.6
8.0
6.6
BGA, Flip Chip (Cu lid)
724
0.2
9.6
7.6
6.2
5.2
BGA, Flip Chip (AlSiC lid)
0.3
10.0
8.2
6.6
5.4
FBGA, Flip Chip (Cu lid)
1020
0.2
9.8
7.8
6.4
5.3
FBGA, Flip Chip (AlSiC lid)
0.3
10.4
8.5
6.9
5.7
EP2A40
FBGA, Flip Chip (Cu lid)
672
0.2
10.0
8.2
6.9
5.9
FBGA, Flip Chip (AlSiC lid)
0.2
10.0
8.2
6.9
5.9
BGA, Flip Chip (Cu lid)
724
0.2
9.5
7.5
6.1
5.1
BGA, Flip Chip (AlSiC lid)
0.2
9.5
7.5
6.1
5.1
FBGA, Flip Chip (Cu lid)
1020
0.2
9.7
7.7
6.3
5.2
FBGA, Flip Chip (AlSiC lid)
0.2
9.7
7.7
6.3
5.2
EP2A70
BGA, Flip Chip (Cu lid)
724
0.1
9.3
7.3
6.0
4.9
BGA, Flip Chip (AlSiC lid)
0.1
10.0
7.9
6.4
5.3
FBGA, Flip Chip (Cu lid)
1508
0.1
8.8
6.8
5.5
4.5
FBGA, Flip Chip (AlSiC lid)
0.1
9.3
7.3
5.8
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com