Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 37 Page - Altera Corporation

Part # HC220
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 37 Page - Altera Corporation

Back Button HC220 Datasheet HTML 33Page - Altera Corporation HC220 Datasheet HTML 34Page - Altera Corporation HC220 Datasheet HTML 35Page - Altera Corporation HC220 Datasheet HTML 36Page - Altera Corporation HC220 Datasheet HTML 37Page - Altera Corporation HC220 Datasheet HTML 38Page - Altera Corporation HC220 Datasheet HTML 39Page - Altera Corporation HC220 Datasheet HTML 40Page - Altera Corporation HC220 Datasheet HTML 41Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
37
Thermal Resistance
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
EP20K200C
PQFP
208
4.0
25.0
23.0
20.0
17.0
PQFP
240
3.0
22.0
19.0
18.0
16.0
BGA
356
2.0
12.0
11.0
10.0
9.0
FBGA
484
5.0
23.0
22.0
21.0
20.0
EP20K300E
PQFP
240
3.0
19.0
18.0
16.0
15.0
BGA
652
1.0
12.0
11.0
10.0
9.0
FBGA
672
5.0
20.0
19.0
18.0
17.0
EP20K400
BGA
652
0.5
9.0
8.0
7.0
6.0
PGA
655
1.0
8.0
7.0
6.0
4.0
FBGA
672
0.4
11.6
9.6
7.9
6.5
FBGA w/ fin (1)
672
0.5
7.0
4.0
3.0
2.6
EP20K400E
EP20K400C
BGA
652
0.5
9.0
8.0
7.0
6.0
FBGA (Cu lid)
672
0.3
10.9
8.8
7.4
6.3
FBGA (AlSiC lid)
0.4
11.7
9.7
8.0
6.7
FBGA w/ fin (1)
672
0.5
7.0
4.0
3.0
2.6
EP20K600E
EP20K600C
BGA
652
0.5
9.0
8.0
7.0
6.0
FBGA (Cu lid)
672
0.2
10.8
8.7
7.3
6.1
FBGA (AlSiC lid)
0.3
11.6
9.6
7.9
6.5
FBGA w/ fin (1)
672
0.5
5.0
3.0
3.0
2.0
FBGA (Cu lid)
1,020
0.2
9.9
7.8
6.5
5.4
FBGA (AlSiC lid)
0.3
10.4
8.4
6.8
5.6
FBGA w/ fin (1)
1,020
0.5
5.0
3.0
3.0
2.0
EP20K1000E
EP20K1000C
BGA (Cu lid)
652
0.1
8.3
7.0
5.6
4.5
BGA (AlSiC lid)
0.2
9.3
7.4
6.0
4.9
FBGA w/ fin (1)
652
0.5
4.0
3.0
3.0
2.0
FBGA (Cu lid)
672
0.1
10.6
8.6
7.2
6.0
FBGA (AlSiC lid)
0.2
11.4
9.4
7.7
6.3
FBGA w/ fin (1)
672
0.5
6.0
4.0
3.0
2.0
FBGA (Cu lid)
1,020
0.1
9.7
7.7
6.3
5.2
FBGA (AlSiC lid)
0.2
10.2
8.2
6.6
5.4
FBGA w/ fin (1)
1,020
0.5
5.0
3.0
2.0
2.0
Table 37. Thermal Resistance of APEX 20KE, 20KC, and 20K Devices (Part 2 of 3)
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com