Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 27 Page - Altera Corporation

Part # HC220
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 27 Page - Altera Corporation

Back Button HC220 Datasheet HTML 23Page - Altera Corporation HC220 Datasheet HTML 24Page - Altera Corporation HC220 Datasheet HTML 25Page - Altera Corporation HC220 Datasheet HTML 26Page - Altera Corporation HC220 Datasheet HTML 27Page - Altera Corporation HC220 Datasheet HTML 28Page - Altera Corporation HC220 Datasheet HTML 29Page - Altera Corporation HC220 Datasheet HTML 30Page - Altera Corporation HC220 Datasheet HTML 31Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
27
Thermal Resistance
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
Cyclone Series Devices Thermal Resistance
Table 29 to Table 30 provide thermal resistance values for Cyclone series devices.
Cyclone II Devices
Table 29 lists the thermal resistance of Cyclone II devices.
Device
Package
Pin Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EP1S30
FBGA,
Flip Chip
780
0.2
10.4
8.4
7.0
5.9
BGA,
Flip Chip
956
0.2
9.1
7.1
5.8
4.8
FBGA,
Flip Chip
1020
0.2
9.9
7.9
6.5
5.4
EP1S40
FBGA,
Flip Chip
780
0.2
10.4
8.3
6.9
5.8
BGA,
Flip Chip
956
0.2
9.0
7.0
5.7
4.7
FBGA,
Flip Chip
1020
0.2
9.8
7.8
6.4
5.3
FBGA,
Flip Chip
1508
0.2
9.1
7.1
5.8
4.7
EP1S60
BGA,
Flip Chip
956
0.1
8.9
6.9
5.6
4.6
FBGA,
Flip Chip
1020
0.1
9.7
7.7
6.3
5.2
FBGA,
Flip Chip
1508
0.1
8.9
7.0
5.6
4.6
EP1S80
BGA,
Flip Chip
956
0.1
8.8
6.8
5.5
4.5
FBGA,
Flip Chip
1020
0.1
9.6
7.6
6.2
5.1
FBGA,
Flip Chip
1508
0.1
8.8
6.9
5.5
4.5
Table 28. Thermal Resistance of Stratix Devices (Part 2 of 2)
Table 29. Thermal Resistance of Cyclone II Devices (Part 1 of 2)
Device
Package
Pin Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EP2C5
TQFP,
Wire Bond
144
10.0
31.0
29.3
27.9
25.5
PQFP,
Wire Bond
208
5.5
30.4
29.2
27.3
22.3
FBGA,
Wire Bond
256
8.7
30.2
26.1
23.6
21.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com