Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 34 Page - Altera Corporation

Part # HC220
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 34 Page - Altera Corporation

Back Button HC220 Datasheet HTML 30Page - Altera Corporation HC220 Datasheet HTML 31Page - Altera Corporation HC220 Datasheet HTML 32Page - Altera Corporation HC220 Datasheet HTML 33Page - Altera Corporation HC220 Datasheet HTML 34Page - Altera Corporation HC220 Datasheet HTML 35Page - Altera Corporation HC220 Datasheet HTML 36Page - Altera Corporation HC220 Datasheet HTML 37Page - Altera Corporation HC220 Datasheet HTML 38Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 182 page
background image
34
Package Information Datasheet for Mature Altera Devices
Thermal Resistance
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
HardCopy II Devices
Table 34 lists the thermal resistance of HardCopy II devices.
HardCopy Devices
Table 35 lists the thermal resistance of HardCopy devices.
Table 34. Thermal Resistance of HardCopy II Devices
Device
Package
Pin Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
JB (° C/W)
HC210
FBGA,
Wire Bond
484
5.5
21.3
17.4
15.3
13.8
9.6
HC220
FBGA,
Flip Chip
672
0.5
12.1
9.9
8.3
7.1
3.6
FBGA,
Flip Chip
780
0.5
11.7
9.5
8.0
6.8
3.5
HC230
FBGA,
Flip Chip
1020
0.3
10.8
8.6
7.1
6.0
2.9
HC240
FBGA,
Flip Chip
1020
0.2
10.6
8.4
6.9
5.8
2.7
FBGA,
Flip Chip
1508
0.2
9.7
7.5
6.1
5.0
2.6
Table 35. Thermal Resistance of HardCopy Devices
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
HC20K400
BGA, Flip Chip
652
0.5
9.1
7.9
6.4
5.3
HC20K600
FBGA, Flip Chip
672
1.0
13.0
10.2
8.6
7.3
HC1S25
FBGA, Wire Bond
672
3.7
19.7
15.8
13.9
12.4
BGA, Wire Bond
3.4
19.3
15.6
13.8
12.3
HC1S30
FBGA, Flip Chip
780
0.4
10.9
8.8
7.4
6.3
HC1S40
FBGA, Flip Chip
780
0.4
10.9
8.8
7.4
6.3
HC1S60
FBGA, Flip Chip
1020
0.3
10.3
8.54
7.0
5.8
HC1S80
FBGA, Flip Chip
1020
0.3
10.3
8.54
7.0
5.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com