Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 29 Page - Altera Corporation

Part # HC220
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 29 Page - Altera Corporation

Back Button HC220 Datasheet HTML 25Page - Altera Corporation HC220 Datasheet HTML 26Page - Altera Corporation HC220 Datasheet HTML 27Page - Altera Corporation HC220 Datasheet HTML 28Page - Altera Corporation HC220 Datasheet HTML 29Page - Altera Corporation HC220 Datasheet HTML 30Page - Altera Corporation HC220 Datasheet HTML 31Page - Altera Corporation HC220 Datasheet HTML 32Page - Altera Corporation HC220 Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
29
Thermal Resistance
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
MAX Series Devices Thermal Resistance
Table 31 through Table 33 provide thermal resistance values for MAX series devices.
MAX 9000 Devices
Table 31 lists the thermal resistance of MAX 9000 devices.
Device
Package
Pin Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EP1C12
PQFP
240
4.0
26.0
23.4
20.8
17.1
FBGA
256
6.6
24.3
20.2
18.1
16.4
FBGA
324
6.1
23.0
19.8
17.7
16.1
EP1C20
FBGA
324
5.0
21.0
17.7
15.6
14.1
FBGA
400
4.7
20.7
17.5
15.5
13.9
Table 30. Thermal Resistance of Cyclone Devices (Part 2 of 2)
Table 31. Thermal Resistance of MAX 9000 Devices
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EPM9320
PLCC
84
9.0
29.0
27.0
25.0
23.0
RQFP
208
1.0
17.0
16.0
15.0
13.0
PGA
280
2.0
14.0
10.0
7.0
5.0
BGA
356
2.0
14.0
12.0
11.0
10.0
EPM9320A
PLCC
84
9.0
29.0
27.0
26.0
23.0
RQFP
208
2.0
17.0
16.0
15.0
13.0
BGA
356
1.0
12.0
11.0
10.0
9.0
EPM9400
PLCC
84
9.0
29.0
27.0
25.0
23.0
RQFP
208
1.0
17.0
16.0
15.0
13.0
RQFP
240
1.0
14.0
12.0
11.0
10.0
EPM9480
RQFP
208
1.0
17.0
16.0
15.0
12.0
RQFP
240
1.0
12.0
11.0
10.0
9.0
EPM9560
RQFP
208
1.0
17.0
16.0
15.0
12.0
RQFP
240
1.0
12.0
11.0
10.0
9.0
BGA
356
1.0
12.0
11.0
10.0
9.0
EPM9560A
RQFP
208
1.0
17.0
16.0
15.0
12.0
RQFP
240
1.0
11.0
10.0
9.0
8.0
BGA
356
1.0
12.0
11.0
10.0
9.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com