Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 25 Page - Altera Corporation

Part # HC220
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 25 Page - Altera Corporation

Back Button HC220 Datasheet HTML 21Page - Altera Corporation HC220 Datasheet HTML 22Page - Altera Corporation HC220 Datasheet HTML 23Page - Altera Corporation HC220 Datasheet HTML 24Page - Altera Corporation HC220 Datasheet HTML 25Page - Altera Corporation HC220 Datasheet HTML 26Page - Altera Corporation HC220 Datasheet HTML 27Page - Altera Corporation HC220 Datasheet HTML 28Page - Altera Corporation HC220 Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
25
Thermal Resistance
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
Stratix Series Devices Thermal Resistance
Table 27 to Table 28 provide thermal resistance values for Stratix series devices.
Stratix II Devices
Table 27 lists the thermal resistance of Stratix II devices.
Table 27. Thermal Resistance of Stratix II Devices (Part 1 of 2)
Device
Package
Pin
Count
JC
(° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
JB
(° C/W)
EP2S15
FBGA, Flip
Chip
484
0.4
13.1
11.1
9.6
8.3
4.2
FBGA, Flip
Chip
672
0.4
12.2
10.2
8.8
7.6
4.1
EP2S30
FBGA, Flip
Chip
484
0.2
12.6
10.6
9.1
7.9
3.7
FBGA, Flip
Chip
672
0.2
11.7
9.7
8.3
7.1
3.4
EP2S60
FBGA, Flip
Chip
484
0.1
12.3
10.3
8.8
7.5
3.4
FBGA, Flip
Chip
672
0.1
11.4
9.4
7.8
6.7
3.0
FBGA, Flip
Chip
1020
0.1
10.4
8.4
7.0
5.9
2.7
EP2S90
HBGA, Flip
Chip
484
0.1
12.0
9.9
8.3
7.1
3.7
FBGA, Flip
Chip
780
0.1
10.8
8.8
7.3
6.1
2.6
FBGA, Flip
Chip
1020
0.1
10.2
8.2
6.8
5.7
2.4
FBGA, Flip
Chip
1508
0.1
9.3
7.4
6.1
5.0
2.2
EP2S130
FBGA, Flip
Chip
780
0.1
10.1
8.7
7.2
6.0
2.4
FBGA, Flip
Chip
1020
0.1
9.5
8.1
6.7
5.5
2.2
FBGA, Flip
Chip
1508
0.1
8.6
7.3
6.0
4.8
2.1
EP2S180
FBGA, Flip
Chip
1020
0.1
9.0
7.9
6.5
5.4
2.1
FBGA, Flip
Chip
1508
0.1
8.1
7.1
5.8
4.7
1.9
EP2SGX30
FBGA,
Flip Chip
780
0.2
11.1
8.6
7.2
6.0
3.1
EP2SGX60
FBGA,
Flip Chip
780
0.2
10.9
8.4
6.9
5.8
2.8
FBGA,
Flip Chip
1152
0.2
9.9
7.5
6.1
5.0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com