Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 40 Page - Altera Corporation

Part # HC220
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 40 Page - Altera Corporation

Back Button HC220 Datasheet HTML 36Page - Altera Corporation HC220 Datasheet HTML 37Page - Altera Corporation HC220 Datasheet HTML 38Page - Altera Corporation HC220 Datasheet HTML 39Page - Altera Corporation HC220 Datasheet HTML 40Page - Altera Corporation HC220 Datasheet HTML 41Page - Altera Corporation HC220 Datasheet HTML 42Page - Altera Corporation HC220 Datasheet HTML 43Page - Altera Corporation HC220 Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 182 page
background image
40
Package Information Datasheet for Mature Altera Devices
Thermal Resistance
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
EPF10K40
RQFP
208
1.0
17.0
16.0
15.0
12.0
RQFP
240
1.0
13.0
12.0
11.0
10.0
EPF10K50
RQFP
240
1.0
12.0
11.0
10.0
9.0
BGA
356
1.0
12.0
11.0
10.0
9.0
PGA
403
3.0
12.0
10.0
9.0
8.0
PGA (1)
3.0
10.0
8.0
7.0
6.0
EPF10K50V
PQFP
240
4.0
25.0
22.0
20.0
17.0
RQFP
240
1.0
13.0
12.0
11.0
10.0
BGA
356
1.0
12.0
11.0
10.0
9.0
FBGA
484
5.0
23.0
22.0
21.0
20.0
EPF10K50E
TQFP
144
9.0
26.0
25.0
24.0
23.0
PQFP
208
5.0
29.0
27.0
24.0
19.0
PQFP
240
4.0
25.0
22.0
20.0
17.0
FBGA
256
6.0
29.0
27.0
26.0
24.0
FBGA
484
5.0
25.0
24.0
23.0
21.0
EPF10K50S
TQFP
144
9.0
26.0
25.0
24.0
23.0
PQFP
208
5.0
29.0
28.0
25.0
20.0
PQFP
240
4.0
26.0
23.0
20.0
17.0
FBGA
256
7.0
30.0
28.0
27.0
24.0
BGA
356
1.0
12.0
11.0
10.0
9.0
FBGA
484
5.0
25.0
24.0
23.0
22.0
EPF10K70
RQFP
240
1.0
12.0
11.0
10.0
9.0
PGA
503
1.0
8.0
7.0
6.0
4.0
EPF10K100
PGA
503
1.0
8.0
7.0
6.0
4.0
PGA (1)
1.0
6.0
5.0
4.0
3.0
PGA (2)
—
2.0
—
—
—
EPF10K100A
RQFP
240
1.0
13.0
11.0
10.0
9.0
BGA
356
1.0
12.0
11.0
10.0
9.0
FBGA
484
5.0
22.0
21.0
20.0
18.0
BGA
600
0.5
10.0
9.0
8.0
7.0
EPF10K100E
PQFP
208
5.0
28.0
26.0
23.0
18.0
PQFP
240
4.0
23.0
21.0
19.0
16.0
FBGA
256
6.0
28.0
26.0
25.0
23.0
BGA
356
1.0
12.0
11.0
10.0
9.0
FBGA
484
5.0
24.0
23.0
22.0
21.0
EPF10K130V
PGA
599
1.0
8.0
7.0
6.0
4.0
BGA
600
0.5
10.0
9.0
8.0
7.0
Table 40. Thermal Resistance of FLEX 10K Devices (Part 2 of 3)
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com