Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 24 Page - Altera Corporation

Part # HC220
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 24 Page - Altera Corporation

Back Button HC220 Datasheet HTML 20Page - Altera Corporation HC220 Datasheet HTML 21Page - Altera Corporation HC220 Datasheet HTML 22Page - Altera Corporation HC220 Datasheet HTML 23Page - Altera Corporation HC220 Datasheet HTML 24Page - Altera Corporation HC220 Datasheet HTML 25Page - Altera Corporation HC220 Datasheet HTML 26Page - Altera Corporation HC220 Datasheet HTML 27Page - Altera Corporation HC220 Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 182 page
background image
24
Package Information Datasheet for Mature Altera Devices
Thermal Resistance
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
This change affects the APEX 20KE, APEX 20KC, APEX II, Mercury, and Excalibur
device families. Therefore, two thermal resistance specifications are provided for
devices affected by this change. The older packages are identified as using the
aluminum silicon carbide (AlSiC) lid, while the newer packages are identified as
using the copper (Cu) lid.
Thermally enhanced BGA and thermally enhanced Flip Chip FBGA packages offered
in the newer Altera families, including Stratix and Stratix GX, were introduced using
an industry-standard Cu lid. Therefore, these device specifications include only a
single thermal resistance specification.
1 Contact Altera if you need typical +/– values of A dimensions for thermal analysis.
The max numbers are provided for physical layout.
Arria Series Devices Thermal Resistance
Table 26 provides thermal resistance values for Arria series devices.
Arria GX Devices
Table 26 lists the thermal resistance of Arria GX devices.
Table 26. Thermal Resistance of Arria GX Devices
Device
Package
Pin
Count
JA
(° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA
(° C/W)
400 ft./min.
JC
(° C/W)
JB
(° C/W)
EP1AGX20
FBGA
484
12.8
10.3
8.7
7.5
0.3
3.1
FBGA
780
11.1
8.6
7.2
6.0
0.2
3.1
EP1AGX35
FBGA
484
12.8
10.3
8.7
7.5
0.3
3.1
FBGA
780
11.1
8.6
7.2
6.0
0.2
3.1
EP1AGX50
FBGA
484
12.7
10.2
8.6
7.3
0.2
2.9
FBGA
780
10.9
8.4
6.9
5.8
0.2
2.9
FBGA
1152
9.9
7.5
6.1
5.0
0.2
2.5
EP1AGX60
FBGA
484
12.7
10.2
8.6
7.3
0.2
2.9
FBGA
780
10.9
8.4
6.9
5.8
0.2
2.8
FBGA
1152
9.9
7.5
6.1
5.0
0.2
2.5
EP1AGX90
FBGA
1152
9.6
7.3
5.9
4.9
0.1
2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com