Electronic Components Datasheet Search
  English  ▼

X  

HC220 Datasheet(PDF) 36 Page - Altera Corporation

Part # HC220
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 36 Page - Altera Corporation

Back Button HC220 Datasheet HTML 32Page - Altera Corporation HC220 Datasheet HTML 33Page - Altera Corporation HC220 Datasheet HTML 34Page - Altera Corporation HC220 Datasheet HTML 35Page - Altera Corporation HC220 Datasheet HTML 36Page - Altera Corporation HC220 Datasheet HTML 37Page - Altera Corporation HC220 Datasheet HTML 38Page - Altera Corporation HC220 Datasheet HTML 39Page - Altera Corporation HC220 Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 182 page
background image
36
Package Information Datasheet for Mature Altera Devices
Thermal Resistance
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
APEX 20K Devices
Table 37 lists the thermal resistance of APEX 20KE, 20KC, and 20K devices.
Table 37. Thermal Resistance of APEX 20KE, 20KC, and 20K Devices (Part 1 of 3)
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EP20K30E
TQFP
144
8.0
29.0
28.0
26.0
25.0
PQFP
208
5.0
30.0
29.0
27.0
22.0
FBGA
144
14.0
36.0
34.0
32.0
29.0
FBGA
324
9.0
31.0
29.0
28.0
25.0
EP20K60E
TQFP
144
7.0
28.0
26.0
25.0
24.0
FBGA
144
11.0
33.0
32.0
30.0
27.0
PQFP
208
5.0
30.0
28.0
26.0
21.0
PQFP
240
4.0
26.0
24.0
21.0
17.0
FBGA
324
7.0
29.0
28.0
26.0
24.0
BGA
356
1.0
12.0
11.0
10.0
9.0
EP20K100
TQFP
144
7.0
26.0
25.0
24.0
23.0
PQFP
208
5.0
29.0
27.0
25.0
20.0
PQFP
240
4.0
25.0
23.0
20.0
17.0
FBGA
324
6.0
28.0
26.0
25.0
23.0
BGA
356
1.0
12.0
11.0
10.0
9.0
EP20K100E
TQFP
144
7.0
26.0
25.0
24.0
23.0
FBGA
144
9.0
32.0
30.0
29.0
26.0
PQFP
208
5.0
29.0
27.0
25.0
20.0
PQFP
240
4.0
25.0
23.0
20.0
17.0
FBGA
324
6.0
28.0
26.0
25.0
23.0
BGA
356
1.0
12.0
11.0
10.0
9.0
EP20K160E
TQFP
144
6.0
25.0
24.0
23.0
22.0
PQFP
208
5.0
28.0
26.0
23.0
19.0
PQFP
240
4.0
24.0
21.0
19.0
16.0
BGA
356
1.0
12.0
11.0
10.0
9.0
FBGA
484
5.0
24.0
23.0
22.0
21.0
EP20K200
PQFP
208
4.0
25.0
23.0
20.0
17.0
PQFP
240
3.0
21.0
19.0
17.0
15.0
BGA
356
1.0
12.0
11.0
10.0
9.0
FBGA
484
5.0
22.0
21.0
20.0
19.0
EP20K200E
PQFP
208
4.0
25.0
23.0
20.0
17.0
PQFP
240
3.0
22.0
19.0
18.0
16.0
BGA
356
2.0
12.0
11.0
10.0
9.0
FBGA
484
5.0
23.0
22.0
21.0
20.0
BGA
652
1.0
12.0
11.0
10.0
9.0
FBGA
672
5.0
21.0
20.0
19.0
18.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com