Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 102 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 102 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 98Page - Altera Corporation EP3SL340 Datasheet HTML 99Page - Altera Corporation EP3SL340 Datasheet HTML 100Page - Altera Corporation EP3SL340 Datasheet HTML 101Page - Altera Corporation EP3SL340 Datasheet HTML 102Page - Altera Corporation EP3SL340 Datasheet HTML 103Page - Altera Corporation EP3SL340 Datasheet HTML 104Page - Altera Corporation EP3SL340 Datasheet HTML 105Page - Altera Corporation EP3SL340 Datasheet HTML 106Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 341 page
background image
1–92
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–59 and Table 1–60 list the EP3SL70 regional clock (RCLK) adder values that
must be added to the GCLK values. Use these adder values to determine I/O timing
when the I/O pin is driven using the regional clock. This applies to all I/O standards
supported by Stratix III devices.
Table 1–59 lists the EP3SL70 column pin delay adders when using the regional clock.
DIFFERENTIAL
1.8-V
SSTL CLASS I
8mA
GCLK t
co
3.066
3.298
4.690 5.103 5.629 5.485 5.684
5.238
5.766
5.622
5.751
ns
GCLK
PLL
t
co
3.063
3.296
4.691 5.106 5.632 5.488 5.687
5.241
5.770
5.626
5.755
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
10mA
GCLK t
co
3.064
3.296
4.681 5.094 5.619 5.475 5.674
5.228
5.756
5.612
5.741
ns
GCLK
PLL
t
co
3.113
3.349
4.752 5.167 5.695 5.551 5.750
5.302
5.832
5.688
5.817
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
12mA
GCLK t
co
3.089
3.325
4.734 5.150 5.678 5.534 5.733
5.285
5.817
5.673
5.802
ns
GCLK
PLL
t
co
3.071
3.306
4.712 5.128 5.656 5.512 5.711
5.263
5.795
5.651
5.780
ns
DIFFERENTIAL
1.8-V
SSTL CLASS II
8mA
GCLK t
co
3.117
3.352
4.752 5.167 5.694 5.550 5.749
5.302
5.832
5.688
5.817
ns
GCLK
PLL
t
co
3.102
3.337
4.738 5.152 5.679 5.535 5.734
5.287
5.817
5.673
5.802
ns
DIFFERENTIAL
1.8-V
SSTL CLASS II
16mA
GCLK t
co
3.091
3.326
4.733 5.149 5.676 5.532 5.731
5.284
5.815
5.671
5.800
ns
GCLK
PLL
t
co
3.071
3.306
4.710 5.125 5.653 5.509 5.708
5.261
5.791
5.647
5.776
ns
DIFFERENTIAL
2.5-V
SSTL CLASS I
8mA
GCLK t
co
3.068
3.302
4.706 5.122 5.649 5.505 5.704
5.257
5.788
5.644
5.773
ns
GCLK
PLL
tco
3.073
3.306
4.697 5.110 5.635 5.491 5.690
5.244
5.772
5.628
5.757
ns
DIFFERENTIAL
2.5-V
SSTL CLASS I
12mA
GCLK t
co
3.066
3.299
4.696 5.111 5.638 5.494 5.693
5.247
5.777
5.633
5.762
ns
GCLK
PLL
tco
3.094
3.328
4.724 5.138 5.664 5.520 5.719
5.273
5.802
5.658
5.787
ns
DIFFERENTIAL
2.5-V
SSTL CLASS II
16mA
GCLK t
co
3.076
3.311
4.709 5.123 5.649 5.505 5.704
5.258
5.787
5.643
5.772
ns
GCLK
PLL
t
co
3.062
3.295
4.686 5.099 5.624 5.480 5.679
5.234
5.762
5.618
5.747
ns
Table 1–58. EP3SL70 Row Pins Output Timing Parameters (Part 3 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–59. EP3SL70 Column Pin Delay Adders for Regional Clock
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
RCLK input adder
0.158
0.168
0.225
0.241
0.257
0.247
0.313
0.244
0.258
0.252
0.315
ns
RCLK PLL input adder
-0.014
-0.012
-0.007
-0.003
-0.002
-0.005
0.191
-0.003
-0.003
-0.004
0.191
ns
RCLK output adder
-0.114
-0.116
-0.137
-0.139
-0.141
-0.137
-0.215
-0.132
-0.133
-0.136
-0.215
ns
RCLK PLL output adder
1.642
1.675
2.599
2.912
3.223
3.071
3.22
2.931
3.238
3.083
3.338
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com