Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 105 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 105 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 101Page - Altera Corporation EP3SL340 Datasheet HTML 102Page - Altera Corporation EP3SL340 Datasheet HTML 103Page - Altera Corporation EP3SL340 Datasheet HTML 104Page - Altera Corporation EP3SL340 Datasheet HTML 105Page - Altera Corporation EP3SL340 Datasheet HTML 106Page - Altera Corporation EP3SL340 Datasheet HTML 107Page - Altera Corporation EP3SL340 Datasheet HTML 108Page - Altera Corporation EP3SL340 Datasheet HTML 109Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–95
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.8-V HSTL
CLASS II
GCLK
t
su
-0.846
-0.846
-1.241 -1.350 -1.474 -1.417 -1.773 -1.350 -1.474 -1.417
-1.773
ns
t
h
0.984
0.984
1.431
1.562
1.707
1.639
1.993
1.562
1.707
1.639
1.993
ns
GCLK
PLL
t
su
-1.165
-1.105
-1.612 -1.835 -1.999 -1.922 -2.263 -1.835 -1.999 -1.922
-2.263
ns
t
h
1.445
1.391
2.023
2.286
2.496
2.396
2.759
2.286
2.496
2.396
2.759
ns
1.5-V HSTL
CLASS I
GCLK
t
su
-0.846
-0.846
-1.241 -1.350 -1.474 -1.417 -1.773 -1.350 -1.474 -1.417
-1.773
ns
t
h
0.984
0.984
1.431
1.562
1.707
1.639
1.993
1.562
1.707
1.639
1.993
ns
GCLK
PLL
t
su
-1.165
-1.105
-1.612 -1.835 -1.999 -1.922 -2.263 -1.835 -1.999 -1.922
-2.263
ns
t
h
1.445
1.391
2.023
2.286
2.496
2.396
2.759
2.286
2.496
2.396
2.759
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-0.835
-0.835
-1.232 -1.339 -1.455 -1.398 -1.754 -1.339 -1.455 -1.398
-1.754
ns
t
h
0.973
0.973
1.421
1.551
1.688
1.620
1.974
1.551
1.688
1.620
1.974
ns
GCLK
PLL
t
su
-1.154
-1.094
-1.603 -1.824 -1.980 -1.903 -2.244 -1.824 -1.980 -1.903
-2.244
ns
t
h
1.434
1.380
2.013
2.275
2.477
2.377
2.740
2.275
2.477
2.377
2.740
ns
1.2-V HSTL
CLASS I
GCLK
t
su
-0.835
-0.835
-1.232 -1.339 -1.455 -1.398 -1.754 -1.339 -1.455 -1.398
-1.754
ns
t
h
0.973
0.973
1.421
1.551
1.688
1.620
1.974
1.551
1.688
1.620
1.974
ns
GCLK
PLL
t
su
-1.154
-1.094
-1.603 -1.824 -1.980 -1.903 -2.244 -1.824 -1.980 -1.903
-2.244
ns
t
h
1.434
1.380
2.013
2.275
2.477
2.377
2.740
2.275
2.477
2.377
2.740
ns
1.2-V HSTL
CLASS II
GCLK
t
su
-0.823
-0.823
-1.222 -1.328 -1.439 -1.382 -1.738 -1.328 -1.439 -1.382
-1.738
ns
t
h
0.961
0.961
1.411
1.540
1.672
1.604
1.958
1.540
1.672
1.604
1.958
ns
GCLK
PLL
t
su
-1.142
-1.082
-1.593 -1.813 -1.964 -1.887 -2.228 -1.813 -1.964 -1.887
-2.228
ns
t
h
1.422
1.368
2.003
2.264
2.461
2.361
2.724
2.264
2.461
2.361
2.724
ns
3.0-V PCI
GCLK
t
su
-0.823
-0.823
-1.222 -1.328 -1.439 -1.382 -1.738 -1.328 -1.439 -1.382
-1.738
ns
t
h
0.961
0.961
1.411
1.540
1.672
1.604
1.958
1.540
1.672
1.604
1.958
ns
GCLK
PLL
t
su
-1.142
-1.082
-1.593 -1.813 -1.964 -1.887 -2.228 -1.813 -1.964 -1.887
-2.228
ns
t
h
1.422
1.368
2.003
2.264
2.461
2.361
2.724
2.264
2.461
2.361
2.724
ns
3.0-V
PCI-X
GCLK
t
su
-0.928
-0.928
-1.332 -1.454 -1.681 -1.626 -1.979 -1.454 -1.681 -1.626
-1.979
ns
t
h
1.064
1.064
1.523
1.669
1.917
1.849
2.204
1.669
1.917
1.849
2.204
ns
GCLK
PLL
t
su
-1.245
-1.187
-1.703 -1.942 -2.209 -2.134 -2.469 -1.942 -2.209 -2.134
-2.469
ns
t
h
1.523
1.471
2.115
2.396
2.709
2.609
2.970
2.396
2.709
2.609
2.970
ns
Table 1–61. EP3SL110 Column Pins Input Timing Parameters (Part 3 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com