Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 133 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 133 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 129Page - Altera Corporation EP3SL340 Datasheet HTML 130Page - Altera Corporation EP3SL340 Datasheet HTML 131Page - Altera Corporation EP3SL340 Datasheet HTML 132Page - Altera Corporation EP3SL340 Datasheet HTML 133Page - Altera Corporation EP3SL340 Datasheet HTML 134Page - Altera Corporation EP3SL340 Datasheet HTML 135Page - Altera Corporation EP3SL340 Datasheet HTML 136Page - Altera Corporation EP3SL340 Datasheet HTML 137Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–123
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-2
CLASS I
GCLK
t
su
-0.862
-0.910
-1.280 -1.375 -1.480 -1.431 -1.752 -1.376 -1.477 -1.432 -1.791
ns
t
h
0.978
1.041
1.464
1.582
1.708
1.649
1.971
1.594
1.715
1.658
2.010
ns
GCLK
PLL
t
su
1.051
1.063
1.722
1.953
2.173
2.057
1.998
1.969
2.195
2.077
2.050
ns
t
h
-0.799
-0.794
-1.321 -1.502 -1.673 -1.585 -1.516 -1.511 -1.684 -1.595 -1.565
ns
SSTL-2
CLASS II
GCLK
t
su
-0.862
-0.910
-1.280 -1.375 -1.480 -1.431 -1.752 -1.376 -1.477 -1.432 -1.791
ns
t
h
0.978
1.041
1.464
1.582
1.708
1.649
1.971
1.594
1.715
1.658
2.010
ns
GCLK
PLL
t
su
1.051
1.063
1.722
1.953
2.173
2.057
1.998
1.969
2.195
2.077
2.050
ns
t
h
-0.799
-0.794
-1.321 -1.502 -1.673 -1.585 -1.516 -1.511 -1.684 -1.595 -1.565
ns
SSTL-18
CLASS I
GCLK
t
su
-0.853
-0.901
-1.265 -1.370 -1.361 -1.429 -1.646 -1.362 -1.358 -1.435 -1.688
ns
t
h
0.969
1.032
1.449
1.576
1.592
1.646
1.865
1.578
1.599
1.660
1.908
ns
GCLK
PLL
t
su
1.060
1.065
1.730
1.966
2.187
2.068
2.011
1.983
2.204
2.082
2.059
ns
t
h
-0.808
-0.797
-1.331 -1.518 -1.689 -1.596 -1.533 -1.527 -1.696 -1.601 -1.578
ns
SSTL-18
CLASS II
GCLK
t
su
-0.853
-0.901
-1.265 -1.370 -1.361 -1.429 -1.646 -1.362 -1.358 -1.435 -1.688
ns
t
h
0.969
1.032
1.449
1.576
1.592
1.646
1.865
1.578
1.599
1.660
1.908
ns
GCLK
PLL
t
su
1.060
1.065
1.730
1.966
2.187
2.068
2.011
1.983
2.204
2.082
2.059
ns
t
h
-0.808
-0.797
-1.331 -1.518 -1.689 -1.596 -1.533 -1.527 -1.696 -1.601 -1.578
ns
SSTL-15
CLASS I
GCLK
t
su
-0.839
-0.889
-1.250 -1.360 -1.343 -1.411 -1.628 -1.351 -1.341 -1.418 -1.671
ns
t
h
0.955
1.020
1.435
1.566
1.574
1.628
1.847
1.567
1.582
1.643
1.891
ns
GCLK
PLL
t
su
1.074
1.077
1.745
1.976
2.205
2.086
2.029
1.994
2.221
2.099
2.076
ns
t
h
-0.822
-0.809
-1.345 -1.528 -1.707 -1.614 -1.551 -1.538 -1.713 -1.618 -1.595
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-0.853
-0.901
-1.265 -1.370 -1.361 -1.429 -1.646 -1.362 -1.358 -1.435 -1.688
ns
t
h
0.969
1.032
1.449
1.576
1.592
1.646
1.865
1.578
1.599
1.660
1.908
ns
GCLK
PLL
t
su
1.060
1.065
1.730
1.966
2.187
2.068
2.011
1.983
2.204
2.082
2.059
ns
t
h
-0.808
-0.797
-1.331 -1.518 -1.689 -1.596 -1.533 -1.527 -1.696 -1.601 -1.578
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-0.853
-0.901
-1.265 -1.370 -1.361 -1.429 -1.646 -1.362 -1.358 -1.435 -1.688
ns
t
h
0.969
1.032
1.449
1.576
1.592
1.646
1.865
1.578
1.599
1.660
1.908
ns
GCLK
PLL
t
su
1.060
1.065
1.730
1.966
2.187
2.068
2.011
1.983
2.204
2.082
2.059
ns
t
h
-0.808
-0.797
-1.331 -1.518 -1.689 -1.596 -1.533 -1.527 -1.696 -1.601 -1.578
ns
1.5-V HSTL
CLASS I
GCLK
t
su
-0.839
-0.889
-1.250 -1.360 -1.343 -1.411 -1.628 -1.351 -1.341 -1.418 -1.671
ns
t
h
0.955
1.020
1.435
1.566
1.574
1.628
1.847
1.567
1.582
1.643
1.891
ns
GCLK
PLL
t
su
1.074
1.077
1.745
1.976
2.205
2.086
2.029
1.994
2.221
2.099
2.076
ns
t
h
-0.822
-0.809
-1.345 -1.528 -1.707 -1.614 -1.551 -1.538 -1.713 -1.618 -1.595
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-0.839
-0.889
-1.250 -1.360 -1.343 -1.411 -1.628 -1.351 -1.341 -1.418 -1.671
ns
t
h
0.955
1.020
1.435
1.566
1.574
1.628
1.847
1.567
1.582
1.643
1.891
ns
GCLK
PLL
t
su
1.074
1.077
1.745
1.976
2.205
2.086
2.029
1.994
2.221
2.099
2.076
ns
t
h
-0.822
-0.809
-1.345 -1.528 -1.707 -1.614 -1.551 -1.538 -1.713 -1.618 -1.595
ns
Table 1–72. EP3SL150 Row Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com