Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 152 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 152 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 148Page - Altera Corporation EP3SL340 Datasheet HTML 149Page - Altera Corporation EP3SL340 Datasheet HTML 150Page - Altera Corporation EP3SL340 Datasheet HTML 151Page - Altera Corporation EP3SL340 Datasheet HTML 152Page - Altera Corporation EP3SL340 Datasheet HTML 153Page - Altera Corporation EP3SL340 Datasheet HTML 154Page - Altera Corporation EP3SL340 Datasheet HTML 155Page - Altera Corporation EP3SL340 Datasheet HTML 156Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 341 page
background image
1–142
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
2.5-V SSTL
CLASS I
8mA
GCLK
tco
3.123
3.360
4.753 5.150 5.662 5.523 5.807 5.274 5.784 5.648 5.881
ns
GCLK
PLL
t
co
1.331
1.510
1.951 2.049 2.264 2.275 2.302 2.155 2.371 2.381 2.289
ns
10mA
GCLK
t
co
3.123
3.360
4.753 5.150 5.662 5.523 5.807 5.274 5.784 5.648 5.881
ns
GCLK
PLL
tco
1.331
1.510
1.951 2.049 2.264 2.275 2.302 2.155 2.371 2.381 2.289
ns
12mA
GCLK
t
co
3.113
3.350
4.743 5.140 5.652 5.513 5.797 5.264 5.775 5.639 5.872
ns
GCLK
PLL
t
co
1.321
1.500
1.941 2.039 2.254 2.265 2.292 2.145 2.362 2.372 2.280
ns
DIFFERENTIAL
2.5-V SSTL
CLASS II
16mA
GCLK
t
co
3.106
3.342
4.729 5.125 5.636 5.497 5.781 5.248 5.758 5.622 5.855
ns
GCLK
PLL
t
co
1.314
1.492
1.927 2.024 2.238 2.249 2.276 2.129 2.345 2.355 2.263
ns
Table 1–77. EP3SL150 Column Pins Output Timing Parameters (Part 4 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com