Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 153 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 153 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 149Page - Altera Corporation EP3SL340 Datasheet HTML 150Page - Altera Corporation EP3SL340 Datasheet HTML 151Page - Altera Corporation EP3SL340 Datasheet HTML 152Page - Altera Corporation EP3SL340 Datasheet HTML 153Page - Altera Corporation EP3SL340 Datasheet HTML 154Page - Altera Corporation EP3SL340 Datasheet HTML 155Page - Altera Corporation EP3SL340 Datasheet HTML 156Page - Altera Corporation EP3SL340 Datasheet HTML 157Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–143
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–78 lists the EP3SL150 row pins output timing parameters for differential I/O
standards.
Table 1–78. EP3SL150 Row Pins Output Timing Parameters (Part 1 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
—
GCLK
t
co
2.711
2.894
4.033 4.387 4.843 4.717 4.978 4.486 4.943 4.816
5.035
ns
GCLK
PLL
t
co
0.934
1.059
1.248 1.300 1.459 1.480 1.491 1.379 1.542 1.561
1.459
ns
LVDS_E_1R
—
GCLK
t
co
3.106
3.342
4.709 5.107 5.611 5.475 5.730 5.229 5.736 5.599
5.802
ns
GCLK
PLL
t
co
1.326
1.503
1.919 2.016 2.222 2.235 2.238 2.120 2.330 2.340
2.222
ns
LVDS_E_3R
—
GCLK
t
co
3.088
3.332
4.747 5.153 5.665 5.529 5.784 5.280 5.797 5.660
5.863
ns
GCLK
PLL
t
co
1.308
1.493
1.957 2.062 2.276 2.289 2.292 2.171 2.391 2.401
2.283
ns
MINI-LVDS
—
GCLK
t
co
2.711
2.894
4.033 4.387 4.843 4.717 4.978 4.486 4.943 4.816
5.035
ns
GCLK
PLL
t
co
0.934
1.059
1.248 1.300 1.459 1.480 1.491 1.379 1.542 1.561
1.459
ns
MINI-
LVDS_E_1R
—
GCLK
t
co
3.106
3.342
4.709 5.107 5.611 5.475 5.730 5.229 5.736 5.599
5.802
ns
GCLK
PLL
tco
1.326
1.503
1.919 2.016 2.222 2.235 2.238 2.120 2.330 2.340
2.222
ns
MINI-
LVDS_E_3R
—
GCLK
t
co
3.088
3.332
4.747 5.153 5.665 5.529 5.784 5.280 5.797 5.660
5.863
ns
GCLK
PLL
t
co
1.308
1.493
1.957 2.062 2.276 2.289 2.292 2.171 2.391 2.401
2.283
ns
RSDS
—
GCLK
t
co
2.711
2.894
4.033 4.387 4.843 4.717 4.978 4.486 4.943 4.816
5.035
ns
GCLK
PLL
t
co
0.934
1.059
1.248 1.300 1.459 1.480 1.491 1.379 1.542 1.561
1.459
ns
RSDS_E_1R
—
GCLK
t
co
3.106
3.342
4.709 5.107 5.611 5.475 5.730 5.229 5.736 5.599
5.802
ns
GCLK
PLL
t
co
1.326
1.503
1.919 2.016 2.222 2.235 2.238 2.120 2.330 2.340
2.222
ns
RSDS_E_3R
—
GCLK
t
co
3.088
3.332
4.747 5.153 5.665 5.529 5.784 5.280 5.797 5.660
5.863
ns
GCLK
PLL
t
co
1.308
1.493
1.957 2.062 2.276 2.289 2.292 2.171 2.391 2.401
2.283
ns
DIFFERENTIAL
1.2-V
HSTL CLASS I
4mA
GCLK
t
co
3.132
3.375
4.783 5.187 5.698 5.562 5.817 5.313 5.826 5.689
5.892
ns
GCLK
PLL
t
co
1.352
1.536
1.993 2.096 2.309 2.322 2.325 2.204 2.420 2.430
2.312
ns
6mA
GCLK
tco
3.118
3.361
4.770 5.174 5.685 5.549 5.804 5.299 5.813 5.676
5.879
ns
GCLK
PLL
t
co
1.338
1.522
1.980 2.083 2.296 2.309 2.312 2.190 2.407 2.417
2.299
ns
8mA
GCLK
t
co
3.114
3.357
4.768 5.174 5.686 5.550 5.805 5.299 5.815 5.678
5.881
ns
GCLK
PLL
t
co
1.334
1.518
1.978 2.083 2.297 2.310 2.313 2.190 2.409 2.419
2.301
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com