Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 158 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 158 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 154Page - Altera Corporation EP3SL340 Datasheet HTML 155Page - Altera Corporation EP3SL340 Datasheet HTML 156Page - Altera Corporation EP3SL340 Datasheet HTML 157Page - Altera Corporation EP3SL340 Datasheet HTML 158Page - Altera Corporation EP3SL340 Datasheet HTML 159Page - Altera Corporation EP3SL340 Datasheet HTML 160Page - Altera Corporation EP3SL340 Datasheet HTML 161Page - Altera Corporation EP3SL340 Datasheet HTML 162Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 341 page
background image
1–148
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-18
CLASS II
GCLK
t
su
-1.066
-1.104
-1.717 -1.673 -1.794 -1.724 -2.272
-1.673
-1.794
-1.724
-2.272
ns
t
h
1.216
1.252
1.939
1.903
2.048
1.966
2.509
1.903
2.048
1.966
2.509
ns
GCLK
PLL
t
su
-1.396
-1.396
-2.145 -2.166 -2.347 -2.264 -2.787
-2.166
-2.347
-2.264
-2.787
ns
t
h
1.711
1.711
2.634
2.668
2.899
2.786
3.328
2.668
2.899
2.786
3.328
ns
SSTL-15
CLASS I
GCLK
t
su
-1.055
-1.093
-1.706 -1.662 -1.775 -1.705 -2.253
-1.662
-1.775
-1.705
-2.253
ns
t
h
1.205
1.241
1.927
1.892
2.029
1.947
2.490
1.892
2.029
1.947
2.490
ns
GCLK
PLL
t
su
-1.385
-1.385
-2.134 -2.155 -2.328 -2.245 -2.768
-2.155
-2.328
-2.245
-2.768
ns
t
h
1.700
1.700
2.622
2.657
2.880
2.767
3.309
2.657
2.880
2.767
3.309
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-1.055
-1.093
-1.706 -1.662 -1.775 -1.705 -2.253
-1.662
-1.775
-1.705
-2.253
ns
t
h
1.205
1.241
1.927
1.892
2.029
1.947
2.490
1.892
2.029
1.947
2.490
ns
GCLK
PLL
t
su
-1.385
-1.385
-2.134 -2.155 -2.328 -2.245 -2.768
-2.155
-2.328
-2.245
-2.768
ns
t
h
1.700
1.700
2.622
2.657
2.880
2.767
3.309
2.657
2.880
2.767
3.309
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-1.066
-1.104
-1.717 -1.673 -1.794 -1.724 -2.272
-1.673
-1.794
-1.724
-2.272
ns
t
h
1.216
1.252
1.939
1.903
2.048
1.966
2.509
1.903
2.048
1.966
2.509
ns
GCLK
PLL
t
su
-1.396
-1.396
-2.145 -2.166 -2.347 -2.264 -2.787
-2.166
-2.347
-2.264
-2.787
ns
t
h
1.711
1.711
2.634
2.668
2.899
2.786
3.328
2.668
2.899
2.786
3.328
ns
1.5-V HSTL
CLASS I
GCLK
t
su
-1.066
-1.104
-1.717 -1.673 -1.794 -1.724 -2.272
-1.673
-1.794
-1.724
-2.272
ns
t
h
1.216
1.252
1.939
1.903
2.048
1.966
2.509
1.903
2.048
1.966
2.509
ns
GCLK
PLL
t
su
-1.396
-1.396
-2.145 -2.166 -2.347 -2.264 -2.787
-2.166
-2.347
-2.264
-2.787
ns
t
h
1.711
1.711
2.634
2.668
2.899
2.786
3.328
2.668
2.899
2.786
3.328
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-1.055
-1.093
-1.706 -1.662 -1.775 -1.705 -2.253
-1.662
-1.775
-1.705
-2.253
ns
t
h
1.205
1.241
1.927
1.892
2.029
1.947
2.490
1.892
2.029
1.947
2.490
ns
GCLK
PLL
t
su
-1.385
-1.385
-2.134 -2.155 -2.328 -2.245 -2.768
-2.155
-2.328
-2.245
-2.768
ns
t
h
1.700
1.700
2.622
2.657
2.880
2.767
3.309
2.657
2.880
2.767
3.309
ns
1.2-V HSTL
CLASS I
GCLK
t
su
-1.055
-1.093
-1.706 -1.662 -1.775 -1.705 -2.253
-1.662
-1.775
-1.705
-2.253
ns
t
h
1.205
1.241
1.927
1.892
2.029
1.947
2.490
1.892
2.029
1.947
2.490
ns
GCLK
PLL
t
su
-1.385
-1.385
-2.134 -2.155 -2.328 -2.245 -2.768
-2.155
-2.328
-2.245
-2.768
ns
t
h
1.700
1.700
2.622
2.657
2.880
2.767
3.309
2.657
2.880
2.767
3.309
ns
1.2-V HSTL
CLASS II
GCLK
t
su
-1.043
-1.081
-1.696 -1.651 -1.759 -1.689 -2.237
-1.651
-1.759
-1.689
-2.237
ns
t
h
1.193
1.229
1.917
1.881
2.013
1.931
2.474
1.881
2.013
1.931
2.474
ns
GCLK
PLL
t
su
-1.373
-1.373
-2.124 -2.144 -2.312 -2.229 -2.752
-2.144
-2.312
-2.229
-2.752
ns
t
h
1.688
1.688
2.612
2.646
2.864
2.751
3.293
2.646
2.864
2.751
3.293
ns
3.0-V PCI
GCLK
t
su
-1.043
-1.081
-1.696 -1.651 -1.759 -1.689 -2.237
-1.651
-1.759
-1.689
-2.237
ns
t
h
1.193
1.229
1.917
1.881
2.013
1.931
2.474
1.881
2.013
1.931
2.474
ns
GCLK
PLL
t
su
-1.373
-1.373
-2.124 -2.144 -2.312 -2.229 -2.752
-2.144
-2.312
-2.229
-2.752
ns
t
h
1.688
1.688
2.612
2.646
2.864
2.751
3.293
2.646
2.864
2.751
3.293
ns
Table 1–81. EP3SL200 Column Pins Input Timing Parameters (Part 3 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com