Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 160 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 160 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 156Page - Altera Corporation EP3SL340 Datasheet HTML 157Page - Altera Corporation EP3SL340 Datasheet HTML 158Page - Altera Corporation EP3SL340 Datasheet HTML 159Page - Altera Corporation EP3SL340 Datasheet HTML 160Page - Altera Corporation EP3SL340 Datasheet HTML 161Page - Altera Corporation EP3SL340 Datasheet HTML 162Page - Altera Corporation EP3SL340 Datasheet HTML 163Page - Altera Corporation EP3SL340 Datasheet HTML 164Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 341 page
background image
1–150
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.5 V
GCLK
t
su
0.901
0.913
2.151
2.164
2.422
2.330
2.755
2.298
2.461
2.330
2.755
ns
t
h
1.447
1.496
-1.914 -1.918 -2.157 -2.080 -2.501 -2.046 -2.184 -2.080 -2.501
ns
GCLK
PLL
t
su
-1.252
-1.290
1.751
1.957
2.171
2.052
1.977
1.855
2.071
2.052
1.977
ns
t
h
0.961
0.966
2.130
2.128
2.431
2.339
2.764
2.280
2.463
2.339
2.764
ns
1.2 V
GCLK
t
su
1.387
1.443
-1.876 -1.893 -2.152 -2.074 -2.497 -2.014 -2.177 -2.074 -2.497
ns
t
h
-1.235
-1.266
1.766
-1.893 -2.152 -2.074 -2.497 -2.014 -2.177 -2.074 -2.497
ns
GCLK
PLL
t
su
0.978
0.992
2.113
2.137
2.415
2.323
2.747
2.264
2.451
2.323
2.747
ns
t
h
1.370
1.419
-1.876
1.882
2.174
2.064
1.973
1.869
2.080
2.064
1.973
ns
SSTL-2
CLASS I
GCLK
t
su
-1.235
-1.266
1.766
1.882
2.174
2.064
1.973
1.869
2.080
2.064
1.973
ns
t
h
0.978
0.992
2.113
-1.387 -1.620 -1.542 -1.441 -1.361 -1.518 -1.542 -1.441
ns
GCLK
PLL
t
su
1.370
1.419
-1.876 -1.893 -2.152 -2.074 -2.497 -2.014 -2.177 -2.074 -2.497
ns
t
h
-1.226
-1.255
1.766
2.137
2.415
2.323
2.747
2.264
2.451
2.323
2.747
ns
SSTL-2
CLASS II
GCLK
t
su
0.987
1.001
2.113
1.882
2.174
2.064
1.973
1.869
2.080
2.064
1.973
ns
t
h
1.361
1.408
-1.876 -1.387 -1.620 -1.542 -1.441 -1.361 -1.518 -1.542 -1.441
ns
GCLK
PLL
t
su
-1.226
-1.255
-1.302 -1.883 -2.134 -2.056 -2.479 -2.003 -2.160 -2.056 -2.479
ns
t
h
0.987
1.001
-1.863
2.127
2.397
2.305
2.729
2.253
2.434
2.305
2.729
ns
SSTL-18
CLASS I
GCLK
t
su
1.361
1.408
2.101
1.892
2.192
2.082
1.991
1.880
2.097
2.082
1.991
ns
t
h
-1.212
-1.243
1.766
1.892
2.192
2.082
1.991
1.880
2.097
2.082
1.991
ns
GCLK
PLL
t
su
1.001
1.013
2.113
-1.397 -1.638 -1.560 -1.459 -1.372 -1.535 -1.560 -1.459
ns
t
h
1.347
1.396
-1.876 -1.883 -2.134 -2.056 -2.479 -2.003 -2.160 -2.056 -2.479
ns
SSTL-18
CLASS II
GCLK
t
su
-1.226
-1.255
1.766
-1.387 -1.620 -1.542 -1.441 -1.361 -1.518 -1.542 -1.441
ns
t
h
0.987
1.001
2.113
-1.893 -2.152 -2.074 -2.497 -2.014 -2.177 -2.074 -2.497
ns
GCLK
PLL
t
su
1.361
1.408
-1.876
2.137
2.415
2.323
2.747
2.264
2.451
2.323
2.747
ns
t
h
-1.226
-1.255
-1.302
1.882
2.174
2.064
1.973
1.869
2.080
2.064
1.973
ns
SSTL-15
CLASS I
GCLK
t
su
0.987
1.001
-1.863 -1.387 -1.620 -1.542 -1.441 -1.361 -1.518 -1.542 -1.441
ns
t
h
1.361
1.408
2.101
-1.893 -2.152 -2.074 -2.497 -2.014 -2.177 -2.074 -2.497
ns
GCLK
PLL
t
su
-1.212
-1.243
1.781
2.137
2.415
2.323
2.747
2.264
2.451
2.323
2.747
ns
t
h
1.001
1.013
-1.302
1.882
2.174
2.064
1.973
1.869
2.080
2.064
1.973
ns
1.8-V HSTL
CLASS I
GCLK
t
su
1.347
1.396
-1.863 -1.387 -1.620 -1.542 -1.441 -1.361 -1.518 -1.542 -1.441
ns
t
h
-1.212
-1.243
-1.311
1.892
2.192
2.082
1.991
1.880
2.097
2.082
1.991
ns
GCLK
PLL
t
su
1.001
1.013
-1.854 -1.397 -1.638 -1.560 -1.459 -1.372 -1.535 -1.560 -1.459
ns
t
h
1.347
1.396
2.092
-1.883 -2.134 -2.056 -2.479 -2.003 -2.160 -2.056 -2.479
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-1.203
-1.231
1.790
2.127
2.397
2.305
2.729
2.253
2.434
2.305
2.729
ns
t
h
1.010
1.025
-1.311
1.892
2.192
2.082
1.991
1.880
2.097
2.082
1.991
ns
GCLK
PLL
t
su
1.338
1.384
-1.854 -1.397 -1.638 -1.560 -1.459 -1.372 -1.535 -1.560 -1.459
ns
t
h
-1.203
-1.231
-1.311
1.902
2.208
2.098
2.007
1.889
2.113
2.098
2.007
ns
Table 1–82. EP3SL200 Row Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com