Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 166 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 166 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 162Page - Altera Corporation EP3SL340 Datasheet HTML 163Page - Altera Corporation EP3SL340 Datasheet HTML 164Page - Altera Corporation EP3SL340 Datasheet HTML 165Page - Altera Corporation EP3SL340 Datasheet HTML 166Page - Altera Corporation EP3SL340 Datasheet HTML 167Page - Altera Corporation EP3SL340 Datasheet HTML 168Page - Altera Corporation EP3SL340 Datasheet HTML 169Page - Altera Corporation EP3SL340 Datasheet HTML 170Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 341 page
background image
1–156
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-18
CLASS II
8mA
GCLK
tco
3.509
3.509
5.153
5.349
5.858
5.715
6.120 5.349 5.858 5.715 6.120
ns
GCLK
PLL
t
co
3.908
3.908
5.788
5.989
6.562
6.390
6.877 5.989 6.562 6.390 6.877
ns
16mA
GCLK
tco
3.512
3.512
5.161
5.358
5.870
5.727
6.132 5.358 5.870 5.727 6.132
ns
GCLK
PLL
t
co
3.911
3.911
5.796
5.998
6.574
6.402
6.889 5.998 6.574 6.402 6.889
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.533
3.533
5.188
5.388
5.900
5.757
6.162 5.388 5.900 5.757 6.162
ns
GCLK
PLL
t
co
3.932
3.932
5.823
6.028
6.604
6.432
6.919 6.028 6.604 6.432 6.919
ns
6mA
GCLK
t
co
3.519
3.519
5.178
5.378
5.891
5.748
6.153 5.378 5.891 5.748 6.153
ns
GCLK
PLL
t
co
3.918
3.918
5.813
6.018
6.595
6.423
6.910 6.018 6.595 6.423 6.910
ns
8mA
GCLK
t
co
3.508
3.508
5.164
5.364
5.877
5.734
6.139 5.364 5.877 5.734 6.139
ns
GCLK
PLL
t
co
3.907
3.907
5.799
6.004
6.581
6.409
6.896 6.004 6.581 6.409 6.896
ns
10mA
GCLK
t
co
3.507
3.507
5.167
5.367
5.881
5.738
6.143 5.367 5.881 5.738 6.143
ns
GCLK
PLL
tco
3.906
3.906
5.802
6.007
6.585
6.413
6.900 6.007 6.585 6.413 6.900
ns
12mA
GCLK
t
co
3.504
3.504
5.162
5.362
5.875
5.732
6.137 5.362 5.875 5.732 6.137
ns
GCLK
PLL
tco
3.903
3.903
5.797
6.002
6.579
6.407
6.894 6.002 6.579 6.407 6.894
ns
SSTL-15
CLASS II
8mA
GCLK
t
co
3.506
3.506
5.151
5.348
5.858
5.715
6.120 5.348 5.858 5.715 6.120
ns
GCLK
PLL
t
co
3.905
3.905
5.786
5.988
6.562
6.390
6.877 5.988 6.562 6.390 6.877
ns
16mA
GCLK
t
co
3.509
3.509
5.158
5.357
5.869
5.726
6.131 5.357 5.869 5.726 6.131
ns
GCLK
PLL
t
co
3.908
3.908
5.793
5.997
6.573
6.401
6.888 5.997 6.573 6.401 6.888
ns
Table 1–83. EP3SL200 Column Pins Output Timing Parameters (Part 5 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com