Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 167 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 167 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 163Page - Altera Corporation EP3SL340 Datasheet HTML 164Page - Altera Corporation EP3SL340 Datasheet HTML 165Page - Altera Corporation EP3SL340 Datasheet HTML 166Page - Altera Corporation EP3SL340 Datasheet HTML 167Page - Altera Corporation EP3SL340 Datasheet HTML 168Page - Altera Corporation EP3SL340 Datasheet HTML 169Page - Altera Corporation EP3SL340 Datasheet HTML 170Page - Altera Corporation EP3SL340 Datasheet HTML 171Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–157
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.8-V
HSTL
CLASS I
4mA
GCLK
tco
3.516
3.516
5.153
5.348
5.856
5.713
6.118 5.348 5.856 5.713 6.118
ns
GCLK
PLL
t
co
3.915
3.915
5.788
5.988
6.560
6.388
6.875 5.988 6.560 6.388 6.875
ns
6mA
GCLK
tco
3.509
3.509
5.151
5.346
5.855
5.712
6.117 5.346 5.855 5.712 6.117
ns
GCLK
PLL
t
co
3.908
3.908
5.786
5.986
6.559
6.387
6.874 5.986 6.559 6.387 6.874
ns
8mA
GCLK
t
co
3.501
3.501
5.143
5.339
5.848
5.705
6.110 5.339 5.848 5.705 6.110
ns
GCLK
PLL
t
co
3.900
3.900
5.778
5.979
6.552
6.380
6.867 5.979 6.552 6.380 6.867
ns
10mA
GCLK
t
co
3.504
3.504
5.146
5.342
5.852
5.709
6.114 5.342 5.852 5.709 6.114
ns
GCLK
PLL
t
co
3.903
3.903
5.781
5.982
6.556
6.384
6.871 5.982 6.556 6.384 6.871
ns
12mA
GCLK
t
co
3.501
3.501
5.149
5.346
5.856
5.713
6.118 5.346 5.856 5.713 6.118
ns
GCLK
PLL
t
co
3.900
3.900
5.784
5.986
6.560
6.388
6.875 5.986 6.560 6.388 6.875
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.509
3.509
5.148
5.343
5.852
5.709
6.114 5.343 5.852 5.709 6.114
ns
GCLK
PLL
tco
3.908
3.908
5.783
5.983
6.556
6.384
6.871 5.983 6.556 6.384 6.871
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.521
3.521
5.161
5.358
5.867
5.724
6.129 5.358 5.867 5.724 6.129
ns
GCLK
PLL
tco
3.920
3.920
5.796
5.998
6.571
6.399
6.886 5.998 6.571 6.399 6.886
ns
6mA
GCLK
t
co
3.517
3.517
5.162
5.359
5.870
5.727
6.132 5.359 5.870 5.727 6.132
ns
GCLK
PLL
t
co
3.916
3.916
5.797
5.999
6.574
6.402
6.889 5.999 6.574 6.402 6.889
ns
8mA
GCLK
t
co
3.513
3.513
5.158
5.355
5.865
5.722
6.127 5.355 5.865 5.722 6.127
ns
GCLK
PLL
t
co
3.912
3.912
5.793
5.995
6.569
6.397
6.884 5.995 6.569 6.397 6.884
ns
10mA
GCLK
t
co
3.506
3.506
5.151
5.348
5.858
5.715
6.120 5.348 5.858 5.715 6.120
ns
GCLK
PLL
t
co
3.905
3.905
5.786
5.988
6.562
6.390
6.877 5.988 6.562 6.390 6.877
ns
12mA
GCLK
t
co
3.507
3.507
5.158
5.356
5.868
5.725
6.130 5.356 5.868 5.725 6.130
ns
GCLK
PLL
t
co
3.906
3.906
5.793
5.996
6.572
6.400
6.887 5.996 6.572 6.400 6.887
ns
1.5-V
HSTL
CLASS II
16mA
GCLK
t
co
3.505
3.505
5.139
5.334
5.842
5.699
6.104 5.334 5.842 5.699 6.104
ns
GCLK
PLL
t
co
3.904
3.904
5.774
5.974
6.546
6.374
6.861 5.974 6.546 6.374 6.861
ns
Table 1–83. EP3SL200 Column Pins Output Timing Parameters (Part 6 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com