Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 185 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 185 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 181Page - Altera Corporation EP3SL340 Datasheet HTML 182Page - Altera Corporation EP3SL340 Datasheet HTML 183Page - Altera Corporation EP3SL340 Datasheet HTML 184Page - Altera Corporation EP3SL340 Datasheet HTML 185Page - Altera Corporation EP3SL340 Datasheet HTML 186Page - Altera Corporation EP3SL340 Datasheet HTML 187Page - Altera Corporation EP3SL340 Datasheet HTML 188Page - Altera Corporation EP3SL340 Datasheet HTML 189Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–175
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
3.0-V LVTTL
GCLK
t
su
-1.356
-1.346
-2.016 -2.063 -2.329 -2.244 -2.541 -2.063 -2.329 -2.244 -2.541
ns
t
h
1.497
1.487
2.231
2.286
2.573
2.475
2.782
2.286
2.573
2.475
2.782
ns
GCLK
PLL
t
su
-1.702
-1.702
-2.553 -2.587 -2.889 -2.798 -3.372 -2.587 -2.889 -2.798 -3.372
ns
t
h
2.007
2.007
3.030
3.083
3.433
3.312
3.911
3.083
3.433
3.312
3.911
ns
3.0-V
LVCMOS
GCLK
t
su
-1.356
-1.346
-2.016 -2.063 -2.329 -2.244 -2.541 -2.063 -2.329 -2.244 -2.541
ns
t
h
1.497
1.487
2.231
2.286
2.573
2.475
2.782
2.286
2.573
2.475
2.782
ns
GCLK
PLL
t
su
-1.702
-1.702
-2.553 -2.587 -2.889 -2.798 -3.372 -2.587 -2.889 -2.798 -3.372
ns
t
h
2.007
2.007
3.030
3.083
3.433
3.312
3.911
3.083
3.433
3.312
3.911
ns
2.5 V
GCLK
t
su
-1.351
-1.341
-2.025 -2.075 -2.348 -2.263 -2.560 -2.075 -2.348 -2.263 -2.560
ns
t
h
1.492
1.482
2.240
2.298
2.592
2.494
2.801
2.298
2.592
2.494
2.801
ns
GCLK
PLL
t
su
-1.697
-1.697
-2.562 -2.599 -2.908 -2.817 -3.391 -2.599 -2.908 -2.817 -3.391
ns
t
h
2.002
2.002
3.039
3.095
3.452
3.331
3.930
3.095
3.452
3.331
3.930
ns
1.8 V
GCLK
t
su
-1.373
-1.363
-2.065 -2.111 -2.346 -2.261 -2.558 -2.111 -2.346 -2.261 -2.558
ns
t
h
1.516
1.506
2.280
2.334
2.590
2.492
2.799
2.334
2.590
2.492
2.799
ns
GCLK
PLL
t
su
-1.719
-1.719
-2.602 -2.635 -2.906 -2.815 -3.389 -2.635 -2.906 -2.815 -3.389
ns
t
h
2.026
2.026
3.079
3.131
3.450
3.329
3.928
3.131
3.450
3.329
3.928
ns
1.5 V
GCLK
t
su
-1.363
-1.353
-2.042 -2.079 -2.276 -2.191 -2.488 -2.079 -2.276 -2.191 -2.488
ns
t
h
1.506
1.496
2.257
2.302
2.520
2.422
2.729
2.302
2.520
2.422
2.729
ns
GCLK
PLL
t
su
-1.709
-1.709
-2.579 -2.603 -2.836 -2.745 -3.319 -2.603 -2.836 -2.745 -3.319
ns
t
h
2.016
2.016
3.056
3.099
3.380
3.259
3.858
3.099
3.380
3.259
3.858
ns
1.2 V
GCLK
t
su
-1.311
-1.301
-1.965 -1.980 -2.120 -2.035 -2.332 -1.980 -2.120 -2.035 -2.332
ns
t
h
1.454
1.444
2.180
2.203
2.364
2.266
2.573
2.203
2.364
2.266
2.573
ns
GCLK
PLL
t
su
-1.657
-1.657
-2.502 -2.504 -2.680 -2.589 -3.163 -2.504 -2.680 -2.589 -3.163
ns
t
h
1.964
1.964
2.979
3.000
3.224
3.103
3.702
3.000
3.224
3.103
3.702
ns
SSTL-2
CLASS I
GCLK
t
su
-1.282
-1.272
-1.937 -1.964 -2.122 -2.037 -2.334 -1.964 -2.122 -2.037 -2.334
ns
t
h
1.425
1.415
2.152
2.187
2.366
2.268
2.575
2.187
2.366
2.268
2.575
ns
GCLK
PLL
t
su
-1.628
-1.628
-2.474 -2.488 -2.682 -2.591 -3.165 -2.488 -2.682 -2.591 -3.165
ns
t
h
1.935
1.935
2.951
2.984
3.226
3.105
3.704
2.984
3.226
3.105
3.704
ns
SSTL-2
CLASS II
GCLK
t
su
-1.282
-1.272
-1.937 -1.964 -2.122 -2.037 -2.334 -1.964 -2.122 -2.037 -2.334
ns
t
h
1.425
1.415
2.152
2.187
2.366
2.268
2.575
2.187
2.366
2.268
2.575
ns
GCLK
PLL
t
su
-1.628
-1.628
-2.474 -2.488 -2.682 -2.591 -3.165 -2.488 -2.682 -2.591 -3.165
ns
t
h
1.935
1.935
2.951
2.984
3.226
3.105
3.704
2.984
3.226
3.105
3.704
ns
SSTL-18
CLASS I
GCLK
t
su
-1.276
-1.266
-1.924 -1.956 -2.119 -2.032 -2.335 -1.956 -2.119 -2.032 -2.335
ns
t
h
1.419
1.409
2.139
2.176
2.360
2.262
2.571
2.176
2.360
2.262
2.571
ns
GCLK
PLL
t
su
-1.622
-1.622
-2.461 -2.480 -2.679 -2.586 -3.163 -2.480 -2.679 -2.586 -3.163
ns
t
h
1.929
1.929
2.938
2.973
3.220
3.099
3.697
2.973
3.220
3.099
3.697
ns
Table 1–91. EP3SL340 Column Pins Input Timing Parameters (Part 2 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com