Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 186 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 186 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 182Page - Altera Corporation EP3SL340 Datasheet HTML 183Page - Altera Corporation EP3SL340 Datasheet HTML 184Page - Altera Corporation EP3SL340 Datasheet HTML 185Page - Altera Corporation EP3SL340 Datasheet HTML 186Page - Altera Corporation EP3SL340 Datasheet HTML 187Page - Altera Corporation EP3SL340 Datasheet HTML 188Page - Altera Corporation EP3SL340 Datasheet HTML 189Page - Altera Corporation EP3SL340 Datasheet HTML 190Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 341 page
background image
1–176
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-18
CLASS II
GCLK
t
su
-1.397
-1.354
-2.096 -2.121 -2.299 -2.366 -2.766 -2.321 -2.476 -2.366 -2.766
ns
t
h
1.530
1.508
2.327
2.361
2.563
2.611
3.023
2.566
2.745
2.611
3.023
ns
GCLK
PLL
t
su
0.785
0.779
1.380
1.479
1.654
1.670
1.679
1.480
1.660
1.670
1.679
ns
t
h
-0.510
-0.485
-0.912 -0.992 -1.113 -1.156 -1.144 -0.982 -1.107 -1.156 -1.144
ns
SSTL-15
CLASS I
GCLK
t
su
-1.397
-1.354
-2.096 -2.121 -2.299 -2.366 -2.766 -2.321 -2.476 -2.366 -2.766
ns
t
h
1.530
1.508
2.327
2.361
2.563
2.611
3.023
2.566
2.745
2.611
3.023
ns
GCLK
PLL
t
su
0.785
0.779
1.380
1.479
1.654
1.670
1.679
1.480
1.660
1.670
1.679
ns
t
h
-0.510
-0.485
-0.912 -0.992 -1.113 -1.156 -1.144 -0.982 -1.107 -1.156 -1.144
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-1.397
-1.354
-2.096 -2.121 -2.299 -2.366 -2.766 -2.321 -2.476 -2.366 -2.766
ns
t
h
1.530
1.508
2.327
2.361
2.563
2.611
3.023
2.566
2.745
2.611
3.023
ns
GCLK
PLL
t
su
0.785
0.779
1.380
1.479
1.654
1.670
1.679
1.480
1.660
1.670
1.679
ns
t
h
-0.510
-0.485
-0.912 -0.992 -1.113 -1.156 -1.144 -0.982 -1.107 -1.156 -1.144
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-1.397
-1.354
-2.096 -2.121 -2.299 -2.366 -2.766 -2.321 -2.476 -2.366 -2.766
ns
t
h
1.530
1.508
2.327
2.361
2.563
2.611
3.023
2.566
2.745
2.611
3.023
ns
GCLK
PLL
t
su
0.785
0.779
1.380
1.479
1.654
1.670
1.679
1.480
1.660
1.670
1.679
ns
t
h
-0.510
-0.485
-0.912 -0.992 -1.113 -1.156 -1.144 -0.982 -1.107 -1.156 -1.144
ns
1.5-V HSTL
CLASS I
GCLK
t
su
-1.397
-1.354
-2.096 -2.121 -2.299 -2.366 -2.766 -2.321 -2.476 -2.366 -2.766
ns
t
h
1.530
1.508
2.327
2.361
2.563
2.611
3.023
2.566
2.745
2.611
3.023
ns
GCLK
PLL
t
su
0.785
0.779
1.380
1.479
1.654
1.670
1.679
1.480
1.660
1.670
1.679
ns
t
h
-0.510
-0.485
-0.912 -0.992 -1.113 -1.156 -1.144 -0.982 -1.107 -1.156 -1.144
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-1.397
-1.354
-2.096 -2.121 -2.299 -2.366 -2.766 -2.321 -2.476 -2.366 -2.766
ns
t
h
1.530
1.508
2.327
2.361
2.563
2.611
3.023
2.566
2.745
2.611
3.023
ns
GCLK
PLL
t
su
0.785
0.779
1.380
1.479
1.654
1.670
1.679
1.480
1.660
1.670
1.679
ns
t
h
-0.510
-0.485
-0.912 -0.992 -1.113 -1.156 -1.144 -0.982 -1.107 -1.156 -1.144
ns
1.2-V HSTL
CLASS I
GCLK
t
su
-1.397
-1.354
-2.096 -2.121 -2.299 -2.366 -2.766 -2.321 -2.476 -2.366 -2.766
ns
t
h
1.530
1.508
2.327
2.361
2.563
2.611
3.023
2.566
2.745
2.611
3.023
ns
GCLK
PLL
t
su
0.785
0.779
1.380
1.479
1.654
1.670
1.679
1.480
1.660
1.670
1.679
ns
t
h
-0.510
-0.485
-0.912 -0.992 -1.113 -1.156 -1.144 -0.982 -1.107 -1.156 -1.144
ns
1.2-V HSTL
CLASS II
GCLK
t
su
-1.397
-1.354
-2.096 -2.121 -2.299 -2.366 -2.766 -2.321 -2.476 -2.366 -2.766
ns
t
h
1.530
1.508
2.327
2.361
2.563
2.611
3.023
2.566
2.745
2.611
3.023
ns
GCLK
PLL
t
su
0.785
0.779
1.380
1.479
1.654
1.670
1.679
1.480
1.660
1.670
1.679
ns
t
h
-0.510
-0.485
-0.912 -0.992 -1.113 -1.156 -1.144 -0.982 -1.107 -1.156 -1.144
ns
3.0-V PCI
GCLK
t
su
-1.397
-1.354
-2.096 -2.121 -2.299 -2.366 -2.766 -2.321 -2.476 -2.366 -2.766
ns
t
h
1.530
1.508
2.327
2.361
2.563
2.611
3.023
2.566
2.745
2.611
3.023
ns
GCLK
PLL
t
su
0.785
0.779
1.380
1.479
1.654
1.670
1.679
1.480
1.660
1.670
1.679
ns
t
h
-0.510
-0.485
-0.912 -0.992 -1.113 -1.156 -1.144 -0.982 -1.107 -1.156 -1.144
ns
Table 1–91. EP3SL340 Column Pins Input Timing Parameters (Part 3 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com