Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 198 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 198 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 194Page - Altera Corporation EP3SL340 Datasheet HTML 195Page - Altera Corporation EP3SL340 Datasheet HTML 196Page - Altera Corporation EP3SL340 Datasheet HTML 197Page - Altera Corporation EP3SL340 Datasheet HTML 198Page - Altera Corporation EP3SL340 Datasheet HTML 199Page - Altera Corporation EP3SL340 Datasheet HTML 200Page - Altera Corporation EP3SL340 Datasheet HTML 201Page - Altera Corporation EP3SL340 Datasheet HTML 202Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 341 page
background image
1–188
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8 V
2mA
GCLK
tco
3.692
3.942
5.817
6.193 6.841 6.698 7.084 6.248 6.991 6.682 7.186
ns
GCLK
PLL
t
co
1.785
1.925
2.574
2.860 3.162 3.173 3.192 2.985 3.287 3.292 3.203
ns
4mA
GCLK
t
co
3.519
3.756
5.527
5.824 6.436 6.293 6.679 5.922 6.585 6.320 6.779
ns
GCLK
PLL
tco
1.562
1.739
2.284
2.491 2.757 2.768 2.787 2.620 2.881 2.885 2.796
ns
6mA
GCLK
t
co
3.444
3.674
5.427
5.674 6.277 6.134 6.520 5.808 6.412 6.215 6.607
ns
GCLK
PLL
t
co
1.495
1.657
2.184
2.341 2.598 2.609 2.628 2.452 2.708 2.713 2.624
ns
8mA
GCLK
t
co
3.426
3.654
5.370
5.595 6.180 6.037 6.423 5.752 6.318 6.143 6.513
ns
GCLK
PLL
t
co
1.469
1.637
2.127
2.259 2.501 2.512 2.531 2.361 2.614 2.619 2.530
ns
1.5 V
2mA
GCLK
tco
3.634
3.885
5.745
6.106 6.769 6.626 7.012 6.169 6.915 6.617 7.110
ns
GCLK
PLL
t
co
1.696
1.868
2.502
2.773 3.090 3.101 3.120 2.892 3.211 3.216 3.127
ns
4mA
GCLK
t
co
3.442
3.671
5.423
5.669 6.278 6.135 6.521 5.805 6.411 6.216 6.606
ns
GCLK
PLL
t
co
1.485
1.654
2.180
2.336 2.599 2.610 2.629 2.446 2.707 2.712 2.623
ns
6mA
GCLK
t
co
3.415
3.645
5.355
5.587 6.172 6.029 6.415 5.745 6.306 6.143 6.501
ns
GCLK
PLL
t
co
1.458
1.628
2.112
2.251 2.493 2.504 2.523 2.354 2.602 2.607 2.518
ns
8mA
GCLK
t
co
3.396
3.634
5.338
5.562 6.153 6.010 6.396 5.721 6.284 6.124 6.479
ns
GCLK
PLL
t
co
1.439
1.617
2.095
2.226 2.474 2.485 2.504 2.330 2.580 2.585 2.496
ns
1.2 V
2mA
GCLK
tco
3.564
3.798
5.666
6.020 6.694 6.551 6.937 6.100 6.831 6.548 7.026
ns
GCLK
PLL
t
co
1.639
1.781
2.423
2.687 3.015 3.026 3.045 2.804 3.127 3.132 3.043
ns
4mA
GCLK
t
co
3.447
3.675
5.440
5.697 6.319 6.176 6.562 5.834 6.453 6.260 6.648
ns
GCLK
PLL
t
co
1.490
1.658
2.197
2.364 2.640 2.651 2.670 2.471 2.749 2.754 2.665
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.328
3.591
5.278
5.474 6.038 5.895 6.281 5.602 6.165 5.985 6.360
ns
GCLK
PLL
t
co
1.411
1.575
2.039
2.150 2.359 2.370 2.378 2.247 2.461 2.466 2.389
ns
12mA
GCLK
t
co
3.323
3.587
5.275
5.472 6.030 5.887 6.273 5.601 6.158 5.984 6.353
ns
GCLK
PLL
t
co
1.406
1.570
2.032
2.148 2.351 2.362 2.370 2.246 2.454 2.459 2.382
ns
SSTL-2
CLASS II
16mA
GCLK
tco
3.314
3.576
5.260
5.456 6.003 5.860 6.246 5.584 6.131 5.966 6.326
ns
GCLK
PLL
t
co
1.397
1.559
2.017
2.132 2.324 2.335 2.343 2.229 2.427 2.432 2.355
ns
Table 1–94. EP3SL340 Row Pins Output Timing Parameters (Part 2 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com