Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 202 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 202 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 198Page - Altera Corporation EP3SL340 Datasheet HTML 199Page - Altera Corporation EP3SL340 Datasheet HTML 200Page - Altera Corporation EP3SL340 Datasheet HTML 201Page - Altera Corporation EP3SL340 Datasheet HTML 202Page - Altera Corporation EP3SL340 Datasheet HTML 203Page - Altera Corporation EP3SL340 Datasheet HTML 204Page - Altera Corporation EP3SL340 Datasheet HTML 205Page - Altera Corporation EP3SL340 Datasheet HTML 206Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 341 page
background image
1–192
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.8-V HSTL
CLASS II
GCLK
tsu
-1.114
-1.181
-1.806 -1.828 -1.982 -1.910 -2.388 -1.837 -1.986 -1.920 -2.429
ns
t
h
1.243
1.327
2.025
2.054
2.228
2.145
2.624
2.072
2.241
2.164
2.669
ns
GCLK
PLL
t
su
1.021
1.039
1.740
1.829
2.017
1.918
1.791
1.847
2.040
1.934
1.844
ns
t
h
-0.753
-0.751
-1.283 -1.356 -1.492 -1.422 -1.284 -1.364 -1.504 -1.429 -1.332
ns
DIFFERENTIAL
1.5-V SSTL
CLASS I
GCLK
t
su
-1.102
-1.170
-1.797 -1.817 -1.963 -1.891 -2.369 -1.826 -1.968 -1.902 -2.411
ns
t
h
1.231
1.316
2.016
2.043
2.209
2.126
2.605
2.061
2.223
2.146
2.651
ns
GCLK
PLL
t
su
1.033
1.050
1.749
1.840
2.036
1.937
1.810
1.858
2.058
1.952
1.862
ns
th
-0.765
-0.762
-1.292 -1.367 -1.511 -1.441 -1.303 -1.375 -1.522 -1.447 -1.350
ns
DIFFERENTIAL
1.5-V SSTL
CLASS II
GCLK
t
su
-1.102
-1.170
-1.797 -1.817 -1.963 -1.891 -2.369 -1.826 -1.968 -1.902 -2.411
ns
t
h
1.231
1.316
2.016
2.043
2.209
2.126
2.605
2.061
2.223
2.146
2.651
ns
GCLK
PLL
t
su
1.033
1.050
1.749
1.840
2.036
1.937
1.810
1.858
2.058
1.952
1.862
ns
t
h
-0.765
-0.762
-1.292 -1.367 -1.511 -1.441 -1.303 -1.375 -1.522 -1.447 -1.350
ns
DIFFERENTIAL
1.8-V SSTL
CLASS I
GCLK
tsu
-1.114
-1.181
-1.806 -1.828 -1.982 -1.910 -2.388 -1.837 -1.986 -1.920 -2.429
ns
t
h
1.243
1.327
2.025
2.054
2.228
2.145
2.624
2.072
2.241
2.164
2.669
ns
GCLK
PLL
t
su
1.021
1.039
1.740
1.829
2.017
1.918
1.791
1.847
2.040
1.934
1.844
ns
t
h
-0.753
-0.751
-1.283 -1.356 -1.492 -1.422 -1.284 -1.364 -1.504 -1.429 -1.332
ns
DIFFERENTIAL
1.8-V SSTL
CLASS II
GCLK
t
su
-1.114
-1.181
-1.806 -1.828 -1.982 -1.910 -2.388 -1.837 -1.986 -1.920 -2.429
ns
t
h
1.243
1.327
2.025
2.054
2.228
2.145
2.624
2.072
2.241
2.164
2.669
ns
GCLK
PLL
t
su
1.021
1.039
1.740
1.829
2.017
1.918
1.791
1.847
2.040
1.934
1.844
ns
th
-0.753
-0.751
-1.283 -1.356 -1.492 -1.422 -1.284 -1.364 -1.504 -1.429 -1.332
ns
DIFFERENTIAL
2.5-V SSTL
CLASS I
GCLK
t
su
-1.121
-1.187
-1.818 -1.833 -1.982 -1.912 -2.387 -1.841 -1.981 -1.918 -2.425
ns
t
h
1.250
1.333
2.038
2.062
2.231
2.148
2.628
2.079
2.241
2.163
2.670
ns
GCLK
PLL
t
su
1.014
1.033
1.728
1.824
2.017
1.916
1.792
1.843
2.045
1.936
1.848
ns
t
h
-0.746
-0.745
-1.270 -1.348 -1.489 -1.419 -1.280 -1.357 -1.504 -1.430 -1.331
ns
DIFFERENTIAL
2.5-V SSTL
CLASS II
GCLK
tsu
-1.121
-1.187
-1.818 -1.833 -1.982 -1.912 -2.387 -1.841 -1.981 -1.918 -2.425
ns
t
h
1.250
1.333
2.038
2.062
2.231
2.148
2.628
2.079
2.241
2.163
2.670
ns
GCLK
PLL
t
su
1.014
1.033
1.728
1.824
2.017
1.916
1.792
1.843
2.045
1.936
1.848
ns
t
h
-0.746
-0.745
-1.270 -1.348 -1.489 -1.419 -1.280 -1.357 -1.504 -1.430 -1.331
ns
Table 1–95. EP3SL340 Column Pins Input Timing Parameters (Part 2 of 2)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com