Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 206 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 206 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 202Page - Altera Corporation EP3SL340 Datasheet HTML 203Page - Altera Corporation EP3SL340 Datasheet HTML 204Page - Altera Corporation EP3SL340 Datasheet HTML 205Page - Altera Corporation EP3SL340 Datasheet HTML 206Page - Altera Corporation EP3SL340 Datasheet HTML 207Page - Altera Corporation EP3SL340 Datasheet HTML 208Page - Altera Corporation EP3SL340 Datasheet HTML 209Page - Altera Corporation EP3SL340 Datasheet HTML 210Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 341 page
background image
1–196
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.5-V HSTL
CLASS I
4mA
GCLK
tco
3.459
3.726
5.469 5.666 6.206 6.054 6.462 5.799 6.338 6.186 6.539
ns
GCLK
PLL
t
co
1.448
1.632
2.143 2.240 2.469 2.470 2.538 2.347 2.575 2.578 2.523
ns
6mA
GCLK
t
co
3.454
3.722
5.469 5.666 6.207 6.055 6.463 5.800 6.340 6.188 6.541
ns
GCLK
PLL
tco
1.443
1.628
2.143 2.240 2.470 2.471 2.539 2.348 2.577 2.580 2.525
ns
8mA
GCLK
t
co
3.452
3.720
5.468 5.665 6.205 6.053 6.461 5.799 6.339 6.187 6.540
ns
GCLK
PLL
t
co
1.441
1.626
2.142 2.239 2.468 2.469 2.537 2.347 2.576 2.579 2.524
ns
10mA
GCLK
t
co
3.444
3.711
5.458 5.655 6.196 6.044 6.452 5.789 6.329 6.177 6.530
ns
GCLK
PLL
t
co
1.433
1.617
2.132 2.229 2.459 2.460 2.528 2.337 2.566 2.569 2.514
ns
12mA
GCLK
tco
3.445
3.713
5.464 5.662 6.204 6.052 6.460 5.797 6.338 6.186 6.539
ns
GCLK
PLL
t
co
1.434
1.619
2.138 2.236 2.467 2.468 2.536 2.345 2.575 2.578 2.523
ns
DIFFERENTIAL
1.5-V HSTL
CLASS II
16mA
GCLK
t
co
3.444
3.710
5.447 5.643 6.182 6.030 6.438 5.776 6.314 6.162 6.515
ns
GCLK
PLL
t
co
1.433
1.616
2.121 2.217 2.445 2.446 2.514 2.324 2.551 2.554 2.499
ns
DIFFERENTIAL
1.8-V HSTL
CLASS I
4mA
GCLK
t
co
3.456
3.723
5.465 5.661 6.200 6.048 6.456 5.795 6.333 6.181 6.534
ns
GCLK
PLL
t
co
1.445
1.629
2.139 2.235 2.463 2.464 2.532 2.343 2.570 2.573 2.518
ns
6mA
GCLK
t
co
3.452
3.720
5.466 5.663 6.204 6.052 6.460 5.797 6.337 6.185 6.538
ns
GCLK
PLL
t
co
1.441
1.626
2.140 2.237 2.467 2.468 2.536 2.345 2.574 2.577 2.522
ns
8mA
GCLK
tco
3.442
3.709
5.455 5.652 6.192 6.040 6.448 5.786 6.325 6.173 6.526
ns
GCLK
PLL
t
co
1.431
1.615
2.129 2.226 2.455 2.456 2.524 2.334 2.562 2.565 2.510
ns
10mA
GCLK
t
co
3.440
3.707
5.453 5.649 6.190 6.038 6.446 5.784 6.323 6.171 6.524
ns
GCLK
PLL
t
co
1.429
1.613
2.127 2.223 2.453 2.454 2.522 2.332 2.560 2.563 2.508
ns
12mA
GCLK
t
co
3.440
3.708
5.456 5.654 6.195 6.043 6.451 5.788 6.329 6.177 6.530
ns
GCLK
PLL
t
co
1.429
1.614
2.130 2.228 2.458 2.459 2.527 2.336 2.566 2.569 2.514
ns
DIFFERENTIAL
1.8-V HSTL
CLASS II
16mA
GCLK
t
co
3.444
3.711
5.453 5.649 6.189 6.037 6.445 5.783 6.322 6.170 6.523
ns
GCLK
PLL
t
co
1.433
1.617
2.127 2.223 2.452 2.453 2.521 2.331 2.559 2.562 2.507
ns
Table 1–97. EP3SL340 Column Pins Output Timing Parameters (Part 2 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com