Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 209 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 209 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 205Page - Altera Corporation EP3SL340 Datasheet HTML 206Page - Altera Corporation EP3SL340 Datasheet HTML 207Page - Altera Corporation EP3SL340 Datasheet HTML 208Page - Altera Corporation EP3SL340 Datasheet HTML 209Page - Altera Corporation EP3SL340 Datasheet HTML 210Page - Altera Corporation EP3SL340 Datasheet HTML 211Page - Altera Corporation EP3SL340 Datasheet HTML 212Page - Altera Corporation EP3SL340 Datasheet HTML 213Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–199
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–98 lists the EP3SL340 row pins output timing parameters for differential I/O
standards.
Table 1–98. EP3SL340 Row Pins Output Timing Parameters (Part 1 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
—
GCLK
t
co
3.022
3.234
4.714
4.872 5.362 5.217 5.602 4.981 5.467 5.326 5.662
ns
GCLK
PLL
t
co
1.063
1.193
1.445
1.501 1.678 1.690 1.735 1.583 1.761 1.772 1.704
ns
LVDS_E_1R
—
GCLK
t
co
3.414
3.678
5.396
5.588 6.125 5.972 6.349 5.722 6.255 6.105 6.425
ns
GCLK
PLL
t
co
1.455
1.637
2.127
2.217 2.441 2.445 2.482 2.324 2.549 2.551 2.467
ns
LVDS_E_3R
—
GCLK
t
co
3.396
3.668
5.434
5.634 6.179 6.026 6.403 5.773 6.316 6.166 6.486
ns
GCLK
PLL
t
co
1.437
1.627
2.165
2.263 2.495 2.499 2.536 2.375 2.610 2.612 2.528
ns
MINI-LVDS
—
GCLK
t
co
3.022
3.234
4.714
4.872 5.362 5.217 5.602 4.981 5.467 5.326 5.662
ns
GCLK
PLL
t
co
1.063
1.193
1.445
1.501 1.678 1.690 1.735 1.583 1.761 1.772 1.704
ns
MINI-
LVDS_E_1R
—
GCLK
t
co
3.414
3.678
5.396
5.588 6.125 5.972 6.349 5.722 6.255 6.105 6.425
ns
GCLK
PLL
tco
1.455
1.637
2.127
2.217 2.441 2.445 2.482 2.324 2.549 2.551 2.467
ns
MINI-
LVDS_E_3R
—
GCLK
t
co
3.396
3.668
5.434
5.634 6.179 6.026 6.403 5.773 6.316 6.166 6.486
ns
GCLK
PLL
t
co
1.437
1.627
2.165
2.263 2.495 2.499 2.536 2.375 2.610 2.612 2.528
ns
RSDS
—
GCLK
t
co
3.022
3.234
4.714
4.872 5.362 5.217 5.602 4.981 5.467 5.326 5.662
ns
GCLK
PLL
t
co
1.063
1.193
1.445
1.501 1.678 1.690 1.735 1.583 1.761 1.772 1.704
ns
RSDS_E_1R
—
GCLK
t
co
3.414
3.678
5.396
5.588 6.125 5.972 6.349 5.722 6.255 6.105 6.425
ns
GCLK
PLL
t
co
1.455
1.637
2.127
2.217 2.441 2.445 2.482 2.324 2.549 2.551 2.467
ns
RSDS_E_3R
—
GCLK
t
co
3.396
3.668
5.434
5.634 6.179 6.026 6.403 5.773 6.316 6.166 6.486
ns
GCLK
PLL
t
co
1.437
1.627
2.165
2.263 2.495 2.499 2.536 2.375 2.610 2.612 2.528
ns
DIFFERENTIAL
1.2-V
HSTL CLASS I
4mA
GCLK
t
co
3.440
3.711
5.470
5.668 6.212 6.059 6.436 5.806 6.345 6.195 6.515
ns
GCLK
PLL
t
co
1.491
1.680
2.211
2.307 2.538 2.542 2.579 2.418 2.649 2.651 2.567
ns
6mA
GCLK
tco
3.426
3.697
5.457
5.655 6.199 6.046 6.423 5.792 6.332 6.182 6.502
ns
GCLK
PLL
t
co
1.477
1.666
2.198
2.294 2.525 2.529 2.566 2.404 2.636 2.638 2.554
ns
8mA
GCLK
t
co
3.422
3.693
5.455
5.655 6.200 6.047 6.424 5.792 6.334 6.184 6.504
ns
GCLK
PLL
t
co
1.473
1.662
2.196
2.294 2.526 2.530 2.567 2.404 2.638 2.640 2.556
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com