Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 214 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 214 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 210Page - Altera Corporation EP3SL340 Datasheet HTML 211Page - Altera Corporation EP3SL340 Datasheet HTML 212Page - Altera Corporation EP3SL340 Datasheet HTML 213Page - Altera Corporation EP3SL340 Datasheet HTML 214Page - Altera Corporation EP3SL340 Datasheet HTML 215Page - Altera Corporation EP3SL340 Datasheet HTML 216Page - Altera Corporation EP3SL340 Datasheet HTML 217Page - Altera Corporation EP3SL340 Datasheet HTML 218Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 341 page
background image
1–204
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-18
CLASS II
GCLK
t
su
-0.672
-0.671
-0.971 -1.063 -1.166 -1.119 -1.398 -1.063
-1.166 -1.119
-1.398
ns
t
h
0.801
0.800
1.148
1.261
1.384
1.327
1.603
1.261
1.384
1.327
1.603
ns
GCLK
PLL
t
su
-0.968
-0.968
-1.373 -1.488 -1.619 -1.559 -1.828 -1.488
-1.619 -1.559
-1.828
ns
t
h
1.223
1.223
1.743
1.901
2.078
1.993
2.269
1.901
2.078
1.993
2.269
ns
SSTL-15
CLASS I
GCLK
t
su
-0.661
-0.660
-0.962 -1.052 -1.147 -1.100 -1.379 -1.052
-1.147 -1.100
-1.379
ns
t
h
0.790
0.789
1.138
1.250
1.365
1.308
1.584
1.250
1.365
1.308
1.584
ns
GCLK
PLL
t
su
-0.957
-0.957
-1.362 -1.477 -1.600 -1.540 -1.809 -1.477
-1.600 -1.540
-1.809
ns
t
h
1.212
1.212
1.731
1.890
2.059
1.974
2.250
1.890
2.059
1.974
2.250
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-0.661
-0.660
-0.962 -1.052 -1.147 -1.100 -1.379 -1.052
-1.147 -1.100
-1.379
ns
t
h
0.790
0.789
1.138
1.250
1.365
1.308
1.584
1.250
1.365
1.308
1.584
ns
GCLK
PLL
t
su
-0.957
-0.957
-1.362 -1.477 -1.600 -1.540 -1.809 -1.477
-1.600 -1.540
-1.809
ns
t
h
1.212
1.212
1.731
1.890
2.059
1.974
2.250
1.890
2.059
1.974
2.250
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-0.672
-0.671
-0.971 -1.063 -1.166 -1.119 -1.398 -1.063
-1.166 -1.119
-1.398
ns
t
h
0.801
0.800
1.148
1.261
1.384
1.327
1.603
1.261
1.384
1.327
1.603
ns
GCLK
PLL
t
su
-0.968
-0.968
-1.373 -1.488 -1.619 -1.559 -1.828 -1.488
-1.619 -1.559
-1.828
ns
t
h
1.223
1.223
1.743
1.901
2.078
1.993
2.269
1.901
2.078
1.993
2.269
ns
1.5-V HSTL
CLASS I
GCLK
t
su
-0.672
-0.671
-0.971 -1.063 -1.166 -1.119 -1.398 -1.063
-1.166 -1.119
-1.398
ns
t
h
0.801
0.800
1.148
1.261
1.384
1.327
1.603
1.261
1.384
1.327
1.603
ns
GCLK
PLL
t
su
-0.968
-0.968
-1.373 -1.488 -1.619 -1.559 -1.828 -1.488
-1.619 -1.559
-1.828
ns
t
h
1.223
1.223
1.743
1.901
2.078
1.993
2.269
1.901
2.078
1.993
2.269
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-0.661
-0.660
-0.962 -1.052 -1.147 -1.100 -1.379 -1.052
-1.147 -1.100
-1.379
ns
t
h
0.790
0.789
1.138
1.250
1.365
1.308
1.584
1.250
1.365
1.308
1.584
ns
GCLK
PLL
t
su
-0.957
-0.957
-1.362 -1.477 -1.600 -1.540 -1.809 -1.477
-1.600 -1.540
-1.809
ns
t
h
1.212
1.212
1.731
1.890
2.059
1.974
2.250
1.890
2.059
1.974
2.250
ns
1.2-V HSTL
CLASS I
GCLK
t
su
-0.661
-0.660
-0.962 -1.052 -1.147 -1.100 -1.379 -1.052
-1.147 -1.100
-1.379
ns
t
h
0.790
0.789
1.138
1.250
1.365
1.308
1.584
1.250
1.365
1.308
1.584
ns
GCLK
PLL
t
su
-0.957
-0.957
-1.362 -1.477 -1.600 -1.540 -1.809 -1.477
-1.600 -1.540
-1.809
ns
t
h
1.212
1.212
1.731
1.890
2.059
1.974
2.250
1.890
2.059
1.974
2.250
ns
1.2-V HSTL
CLASS II
GCLK
t
su
-0.649
-0.648
-0.952 -1.041 -1.131 -1.084 -1.363 -1.041
-1.131 -1.084
-1.363
ns
t
h
0.778
0.777
1.128
1.239
1.349
1.292
1.568
1.239
1.349
1.292
1.568
ns
GCLK
PLL
t
su
-0.945
-0.945
-1.352 -1.466 -1.584 -1.524 -1.793 -1.466
-1.584 -1.524
-1.793
ns
t
h
1.200
1.200
1.721
1.879
2.043
1.958
2.234
1.879
2.043
1.958
2.234
ns
3.0-V PCI
GCLK
t
su
-0.649
-0.648
-0.952 -1.041 -1.131 -1.084 -1.363 -1.041
-1.131 -1.084
-1.363
ns
t
h
0.778
0.777
1.128
1.239
1.349
1.292
1.568
1.239
1.349
1.292
1.568
ns
GCLK
PLL
t
su
-0.945
-0.945
-1.352 -1.466 -1.584 -1.524 -1.793 -1.466
-1.584 -1.524
-1.793
ns
t
h
1.200
1.200
1.721
1.879
2.043
1.958
2.234
1.879
2.043
1.958
2.234
ns
Table 1–101. EP3SE50 Column Pins Input Timing Parameters (Part 3 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com