Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 215 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 215 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 211Page - Altera Corporation EP3SL340 Datasheet HTML 212Page - Altera Corporation EP3SL340 Datasheet HTML 213Page - Altera Corporation EP3SL340 Datasheet HTML 214Page - Altera Corporation EP3SL340 Datasheet HTML 215Page - Altera Corporation EP3SL340 Datasheet HTML 216Page - Altera Corporation EP3SL340 Datasheet HTML 217Page - Altera Corporation EP3SL340 Datasheet HTML 218Page - Altera Corporation EP3SL340 Datasheet HTML 219Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–205
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–102 lists the EP3SE50 row pins input timing parameters for single-ended I/O
standards.
3.0-V |
PCI-X
GCLK
t
su
-0.754
-0.753
-1.062 -1.167 -1.373 -1.328 -1.604 -1.167
-1.373 -1.328
-1.604
ns
t
h
0.881
0.880
1.240
1.368
1.594
1.537
1.814
1.368
1.594
1.537
1.814
ns
GCLK
PLL
t
su
-1.048
-1.048
-1.465 -1.595 -1.829 -1.771 -2.037 -1.595
-1.829 -1.771
-2.037
ns
t
h
1.301
1.301
1.835
2.011
2.291
2.206
2.483
2.011
2.291
2.206
2.483
ns
Table 1–101. EP3SE50 Column Pins Input Timing Parameters (Part 4 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–102. EP3SE50 Row Pins Input Timing Parameters (Part 1 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V LVTTL
GCLK
t
su
-0.896
-0.926
-1.311 -1.433 -1.658 -1.605 -1.896 -1.451
-1.663
-1.612
-1.927
ns
t
h
1.009
1.052
1.597
1.816
1.931
1.813
1.843
1.809
1.936
1.818
1.895
ns
GCLK
PLL
t
su
0.952
0.960
1.494
1.640
1.888
1.819
2.111
1.667
1.903
1.836
2.144
ns
t
h
-0.703
-0.700
-1.311 -1.433 -1.658 -1.605 -1.896 -1.451
-1.663
-1.612
-1.927
ns
3.3-V
LVCMOS
GCLK
t
su
-0.896
-0.926
-1.311 -1.433 -1.658 -1.605 -1.896 -1.451
-1.663
-1.612
-1.927
ns
t
h
1.009
1.052
1.597
1.816
1.931
1.813
1.843
1.809
1.936
1.818
1.895
ns
GCLK
PLL
t
su
0.952
0.960
1.494
1.640
1.888
1.819
2.111
1.667
1.903
1.836
2.144
ns
t
h
-0.703
-0.700
-1.308 -1.434 -1.661 -1.608 -1.899 -1.450
-1.668
-1.617
-1.932
ns
3.0-V LVTTL
GCLK
t
su
-0.902
-0.937
1.491
1.641
1.891
1.822
2.114
1.666
1.908
1.841
2.149
ns
t
h
1.015
1.063
-1.308 -1.434 -1.661 -1.608 -1.899 -1.450
-1.668
-1.617
-1.932
ns
GCLK
PLL
t
su
0.946
0.949
1.600
1.815
1.928
1.810
1.840
1.810
1.931
1.813
1.890
ns
t
h
-0.697
-0.689
1.491
1.641
1.891
1.822
2.114
1.666
1.908
1.841
2.149
ns
3.0-V
LVCMOS
GCLK
t
su
-0.902
-0.937
1.500
1.654
1.906
1.837
2.129
1.675
1.918
1.851
2.159
ns
t
h
1.015
1.063
-1.317 -1.447 -1.676 -1.623 -1.914 -1.459
-1.678
-1.627
-1.942
ns
GCLK
PLL
t
su
0.946
0.949
1.591
1.802
1.913
1.795
1.825
1.801
1.921
1.803
1.880
ns
t
h
-0.697
-0.689
1.500
1.654
1.906
1.837
2.129
1.675
1.918
1.851
2.159
ns
2.5 V
GCLK
t
su
-0.890
-0.930
1.510
1.730
1.876
1.758
1.788
1.729
1.881
1.762
1.840
ns
t
h
1.003
1.056
1.458
1.596
1.807
1.742
2.015
1.614
1.817
1.754
2.048
ns
GCLK
PLL
t
su
0.958
0.956
-1.272 -1.388 -1.573 -1.523 -1.797 -1.395
-1.573
-1.526
-1.829
ns
t
h
-0.709
-0.696
1.510
1.730
1.876
1.758
1.788
1.729
1.881
1.762
1.840
ns
1.8 V
GCLK
t
su
-0.869
-0.907
1.534
1.762
1.944
1.826
1.856
1.760
1.946
1.827
1.905
ns
t
h
0.890
0.886
1.434
1.564
1.739
1.674
1.947
1.583
1.752
1.689
1.983
ns
GCLK
PLL
t
su
0.986
1.035
-1.248 -1.356 -1.505 -1.455 -1.729 -1.364
-1.508
-1.461
-1.764
ns
t
h
-0.859
-0.896
1.613
1.863
2.103
1.985
2.015
1.856
2.101
1.982
2.060
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com