Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 224 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 224 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 220Page - Altera Corporation EP3SL340 Datasheet HTML 221Page - Altera Corporation EP3SL340 Datasheet HTML 222Page - Altera Corporation EP3SL340 Datasheet HTML 223Page - Altera Corporation EP3SL340 Datasheet HTML 224Page - Altera Corporation EP3SL340 Datasheet HTML 225Page - Altera Corporation EP3SL340 Datasheet HTML 226Page - Altera Corporation EP3SL340 Datasheet HTML 227Page - Altera Corporation EP3SL340 Datasheet HTML 228Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 341 page
background image
1–214
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
3.3-V
LVCMOS
4mA
GCLK
t
co
3.163
3.402
4.726 5.122 5.631 5.495 5.760 5.255 5.766 5.630 5.837
ns
GCLK
PLL
t
co
1.498
1.696
2.109 2.190 2.386 2.405 2.354 2.310 2.510 2.528 2.349
ns
8mA
GCLK
tco
3.020
3.239
4.517 4.920 5.422 5.286 5.489 5.047 5.548 5.412 5.558
ns
GCLK
PLL
t
co
1.318
1.497
1.858 1.930 2.115 2.134 2.083 2.042 2.231 2.249 2.070
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.122
3.356
4.689 5.085 5.588 5.452 5.712 5.215 5.720 5.584 5.790
ns
GCLK
PLL
t
co
1.442
1.638
2.053 2.138 2.338 2.357 2.306 2.261 2.463 2.481 2.302
ns
8mA
GCLK
t
co
3.021
3.244
4.552 4.943 5.443 5.307 5.548 5.073 5.575 5.438 5.625
ns
GCLK
PLL
t
co
1.319
1.511
1.900 1.979 2.174 2.193 2.142 2.099 2.299 2.316 2.137
ns
12mA
GCLK
t
co
2.984
3.206
4.492 4.878 5.373 5.237 5.460 5.005 5.501 5.365 5.532
ns
GCLK
PLL
t
co
1.282
1.464
1.818 1.896 2.086 2.105 2.054 2.013 2.206 2.223 2.044
ns
3.0-V
LVCMOS
4mA
GCLK
tco
3.043
3.268
4.587 4.978 5.479 5.343 5.601 5.107 5.611 5.474 5.678
ns
GCLK
PLL
t
co
1.356
1.557
1.947 2.031 2.227 2.246 2.195 2.153 2.352 2.369 2.190
ns
8mA
GCLK
t
co
2.971
3.190
4.464 4.849 5.345 5.209 5.421 4.975 5.473 5.336 5.492
ns
GCLK
PLL
t
co
1.269
1.448
1.783 1.857 2.047 2.066 2.015 1.973 2.166 2.183 2.004
ns
2.5 V
4mA
GCLK
t
co
3.148
3.393
4.797 5.211 5.733 5.597 5.884 5.347 5.872 5.736 5.968
ns
GCLK
PLL
t
co
1.468
1.674
2.185 2.292 2.510 2.529 2.478 2.421 2.642 2.659 2.480
ns
8mA
GCLK
t
co
3.063
3.290
4.673 5.076 5.591 5.455 5.714 5.210 5.728 5.591 5.794
ns
GCLK
PLL
t
co
1.361
1.575
2.030 2.129 2.340 2.359 2.308 2.254 2.468 2.485 2.306
ns
12mA
GCLK
tco
3.006
3.246
4.589 4.990 5.500 5.364 5.588 5.121 5.633 5.497 5.664
ns
GCLK
PLL
t
co
1.312
1.504
1.919 2.010 2.214 2.233 2.182 2.131 2.338 2.355 2.176
ns
1.8 V
2mA
GCLK
t
co
3.405
3.663
5.253 5.717 6.292 6.156 6.368 5.867 6.444 6.308 6.461
ns
GCLK
PLL
t
co
1.650
1.863
2.459 2.597 2.849 2.868 2.787 2.729 2.984 3.002 2.793
ns
4mA
GCLK
t
co
3.180
3.461
4.926 5.349 5.887 5.751 5.963 5.502 6.038 5.901 6.054
ns
GCLK
PLL
tco
1.477
1.677
2.168 2.271 2.489 2.508 2.427 2.403 2.623 2.640 2.431
ns
6mA
GCLK
t
co
3.115
3.359
4.773 5.199 5.728 5.592 5.804 5.334 5.865 5.729 5.882
ns
GCLK
PLL
t
co
1.402
1.595
2.069 2.166 2.388 2.407 2.326 2.289 2.517 2.535 2.326
ns
8mA
GCLK
tco
3.055
3.285
4.696 5.106 5.632 5.496 5.708 5.239 5.771 5.635 5.788
ns
GCLK
PLL
t
co
1.384
1.575
2.012 2.113 2.323 2.342 2.261 2.233 2.445 2.463 2.254
ns
Table 1–104. EP3SE50 Row Pins Output Timing Parameters (Part 2 of 5)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com