Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 228 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 228 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 224Page - Altera Corporation EP3SL340 Datasheet HTML 225Page - Altera Corporation EP3SL340 Datasheet HTML 226Page - Altera Corporation EP3SL340 Datasheet HTML 227Page - Altera Corporation EP3SL340 Datasheet HTML 228Page - Altera Corporation EP3SL340 Datasheet HTML 229Page - Altera Corporation EP3SL340 Datasheet HTML 230Page - Altera Corporation EP3SL340 Datasheet HTML 231Page - Altera Corporation EP3SL340 Datasheet HTML 232Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 341 page
background image
1–218
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.2-V HSTL
CLASS II
GCLK
tsu
-0.750
-0.774
-1.133 -1.250 -1.376 -1.319 -1.616 -1.252 -1.377 -1.323 -1.650
ns
t
h
0.868
0.907
1.319
1.458
1.606
1.536
1.833
1.468
1.616
1.549
1.868
ns
GCLK
PLL
t
su
1.100
1.115
1.777
2.005
2.218
2.106
2.110
2.014
2.229
2.112
2.160
ns
t
h
-0.847
-0.847
-1.377 -1.556 -1.717 -1.634 -1.631 -1.558 -1.721 -1.632 -1.677
ns
DIFFERENTIAL
1.5-V HSTL
CLASS I
GCLK
t
su
-0.750
-0.774
-1.133 -1.250 -1.376 -1.319 -1.616 -1.252 -1.377 -1.323 -1.650
ns
t
h
0.868
0.907
1.319
1.458
1.606
1.536
1.833
1.468
1.616
1.549
1.868
ns
GCLK
PLL
t
su
1.100
1.115
1.777
2.005
2.218
2.106
2.110
2.014
2.229
2.112
2.160
ns
th
-0.847
-0.847
-1.377 -1.556 -1.717 -1.634 -1.631 -1.558 -1.721 -1.632 -1.677
ns
DIFFERENTIAL
1.5-V HSTL
CLASS II
GCLK
t
su
-0.738
-0.763
-1.124 -1.239 -1.357 -1.300 -1.597 -1.241 -1.359 -1.305 -1.632
ns
t
h
0.856
0.896
1.309
1.447
1.587
1.517
1.814
1.457
1.598
1.531
1.850
ns
GCLK
PLL
t
su
1.112
1.126
1.786
2.016
2.237
2.125
2.129
2.025
2.247
2.130
2.178
ns
t
h
-0.859
-0.858
-1.387 -1.567 -1.736 -1.653 -1.650 -1.569 -1.739 -1.650 -1.695
ns
DIFFERENTIAL
1.8-V HSTL
CLASS I
GCLK
tsu
-0.738
-0.763
-1.124 -1.239 -1.357 -1.300 -1.597 -1.241 -1.359 -1.305 -1.632
ns
t
h
0.856
0.896
1.309
1.447
1.587
1.517
1.814
1.457
1.598
1.531
1.850
ns
GCLK
PLL
t
su
1.112
1.126
1.786
2.016
2.237
2.125
2.129
2.025
2.247
2.130
2.178
ns
t
h
-0.859
-0.858
-1.387 -1.567 -1.736 -1.653 -1.650 -1.569 -1.739 -1.650 -1.695
ns
DIFFERENTIAL
1.8-V HSTL
CLASS II
GCLK
t
su
-0.750
-0.774
-1.133 -1.250 -1.376 -1.319 -1.616 -1.252 -1.377 -1.323 -1.650
ns
t
h
0.868
0.907
1.319
1.458
1.606
1.536
1.833
1.468
1.616
1.549
1.868
ns
GCLK
PLL
t
su
1.100
1.115
1.777
2.005
2.218
2.106
2.110
2.014
2.229
2.112
2.160
ns
th
-0.847
-0.847
-1.377 -1.556 -1.717 -1.634 -1.631 -1.558 -1.721 -1.632 -1.677
ns
DIFFERENTIAL
1.5-V SSTL
CLASS I
GCLK
t
su
-0.750
-0.774
-1.133 -1.250 -1.376 -1.319 -1.616 -1.252 -1.377 -1.323 -1.650
ns
t
h
0.868
0.907
1.319
1.458
1.606
1.536
1.833
1.468
1.616
1.549
1.868
ns
GCLK
PLL
t
su
1.100
1.115
1.777
2.005
2.218
2.106
2.110
2.014
2.229
2.112
2.160
ns
t
h
-0.847
-0.847
-1.377 -1.556 -1.717 -1.634 -1.631 -1.558 -1.721 -1.632 -1.677
ns
DIFFERENTIAL
1.5-V SSTL
CLASS II
GCLK
tsu
-0.757
-0.780
-1.145 -1.255 -1.376 -1.321 -1.615 -1.256 -1.372 -1.321 -1.646
ns
t
h
0.875
0.913
1.332
1.466
1.609
1.539
1.837
1.475
1.616
1.548
1.869
ns
GCLK
PLL
t
su
1.093
1.109
1.765
2.000
2.218
2.104
2.111
2.010
2.234
2.114
2.164
ns
t
h
-0.840
-0.841
-1.364 -1.548 -1.714 -1.631 -1.627 -1.551 -1.721 -1.633 -1.676
ns
DIFFERENTIAL
1.8-V SSTL
CLASS I
GCLK
t
su
-0.757
-0.780
-1.145 -1.255 -1.376 -1.321 -1.615 -1.256 -1.372 -1.321 -1.646
ns
t
h
0.875
0.913
1.332
1.466
1.609
1.539
1.837
1.475
1.616
1.548
1.869
ns
GCLK
PLL
t
su
1.093
1.109
1.765
2.000
2.218
2.104
2.111
2.010
2.234
2.114
2.164
ns
th
-0.840
-0.841
-1.364 -1.548 -1.714 -1.631 -1.627 -1.551 -1.721 -1.633 -1.676
ns
DIFFERENTIAL
1.8-V SSTL
CLASS II
GCLK
t
su
-0.730
-0.751
-1.114 -1.228 -1.341 -1.284 -1.581 -1.230 -1.344 -1.290 -1.617
ns
t
h
0.848
0.884
1.299
1.436
1.571
1.501
1.798
1.446
1.583
1.516
1.835
ns
GCLK
PLL
t
su
1.120
1.138
1.796
2.027
2.253
2.141
2.145
2.036
2.262
2.145
2.193
ns
t
h
-0.867
-0.870
-1.397 -1.578 -1.752 -1.669 -1.666 -1.580 -1.754 -1.665 -1.710
ns
Table 1–105. EP3SE50 Column Pins Input Timing Parameters (Part 2 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com