Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 259 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 259 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 255Page - Altera Corporation EP3SL340 Datasheet HTML 256Page - Altera Corporation EP3SL340 Datasheet HTML 257Page - Altera Corporation EP3SL340 Datasheet HTML 258Page - Altera Corporation EP3SL340 Datasheet HTML 259Page - Altera Corporation EP3SL340 Datasheet HTML 260Page - Altera Corporation EP3SL340 Datasheet HTML 261Page - Altera Corporation EP3SL340 Datasheet HTML 262Page - Altera Corporation EP3SL340 Datasheet HTML 263Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–249
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.2-V HSTL
CLASS I
4mA
GCLK
tco
3.179
3.420
4.828 5.233 5.750 5.610 5.910 5.358 5.875 5.736 5.985
ns
GCLK
PLL
t
co
1.355
1.535
1.984 2.084 2.298 2.309 2.335 2.190 2.407 2.417 2.323
ns
6mA
GCLK
t
co
3.169
3.410
4.818 5.222 5.740 5.600 5.900 5.347 5.865 5.726 5.975
ns
GCLK
PLL
tco
1.345
1.525
1.974 2.073 2.288 2.299 2.325 2.179 2.397 2.407 2.313
ns
8mA
GCLK
t
co
3.169
3.410
4.821 5.226 5.744 5.604 5.904 5.352 5.870 5.731 5.980
ns
GCLK
PLL
t
co
1.345
1.525
1.977 2.077 2.292 2.303 2.329 2.184 2.402 2.412 2.318
ns
10mA
GCLK
t
co
3.162
3.404
4.814 5.220 5.738 5.598 5.898 5.345 5.864 5.725 5.974
ns
GCLK
PLL
t
co
1.338
1.519
1.970 2.071 2.286 2.297 2.323 2.177 2.396 2.406 2.312
ns
12mA
GCLK
tco
3.161
3.402
4.811 5.217 5.735 5.595 5.895 5.342 5.860 5.721 5.970
ns
GCLK
PLL
t
co
1.337
1.517
1.967 2.068 2.283 2.294 2.320 2.174 2.392 2.402 2.308
ns
DIFFERENTIAL
1.2-V HSTL
CLASS II
16mA
GCLK
t
co
3.183
3.424
4.832 5.237 5.754 5.614 5.914 5.362 5.880 5.741 5.990
ns
GCLK
PLL
t
co
1.359
1.539
1.988 2.088 2.302 2.313 2.339 2.194 2.412 2.422 2.328
ns
DIFFERENTIAL
1.5-V HSTL
CLASS I
4mA
GCLK
t
co
3.173
3.413
4.811 5.214 5.729 5.589 5.889 5.338 5.853 5.714 5.963
ns
GCLK
PLL
t
co
1.349
1.528
1.967 2.065 2.277 2.288 2.314 2.170 2.385 2.395 2.301
ns
6mA
GCLK
t
co
3.168
3.409
4.811 5.214 5.730 5.590 5.890 5.339 5.855 5.716 5.965
ns
GCLK
PLL
t
co
1.344
1.524
1.967 2.065 2.278 2.289 2.315 2.171 2.387 2.397 2.303
ns
8mA
GCLK
tco
3.166
3.407
4.810 5.213 5.728 5.588 5.888 5.338 5.854 5.715 5.964
ns
GCLK
PLL
t
co
1.342
1.522
1.966 2.064 2.276 2.287 2.313 2.170 2.386 2.396 2.302
ns
10mA
GCLK
t
co
3.158
3.398
4.800 5.203 5.719 5.579 5.879 5.328 5.844 5.705 5.954
ns
GCLK
PLL
t
co
1.334
1.513
1.956 2.054 2.267 2.278 2.304 2.160 2.376 2.386 2.292
ns
12mA
GCLK
t
co
3.159
3.400
4.806 5.210 5.727 5.587 5.887 5.336 5.853 5.714 5.963
ns
GCLK
PLL
t
co
1.335
1.515
1.962 2.061 2.275 2.286 2.312 2.168 2.385 2.395 2.301
ns
DIFFERENTIAL
1.5-V HSTL
CLASS II
16mA
GCLK
t
co
3.158
3.397
4.789 5.191 5.705 5.565 5.865 5.315 5.829 5.690 5.939
ns
GCLK
PLL
t
co
1.334
1.512
1.945 2.042 2.253 2.264 2.290 2.147 2.361 2.371 2.277
ns
Table 1–117. EP3SE80 Column Pins Output Timing Parameters (Part 2 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com