Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 261 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 261 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 257Page - Altera Corporation EP3SL340 Datasheet HTML 258Page - Altera Corporation EP3SL340 Datasheet HTML 259Page - Altera Corporation EP3SL340 Datasheet HTML 260Page - Altera Corporation EP3SL340 Datasheet HTML 261Page - Altera Corporation EP3SL340 Datasheet HTML 262Page - Altera Corporation EP3SL340 Datasheet HTML 263Page - Altera Corporation EP3SL340 Datasheet HTML 264Page - Altera Corporation EP3SL340 Datasheet HTML 265Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–251
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.8-V SSTL
CLASS I
4mA
GCLK
tco
3.187
3.430
4.839 5.243 5.760 5.620 5.920 5.369 5.885 5.746 5.995
ns
GCLK
PLL
t
co
1.363
1.545
1.995 2.094 2.308 2.319 2.345 2.201 2.417 2.427 2.333
ns
6mA
GCLK
t
co
3.176
3.418
4.827 5.231 5.748 5.608 5.908 5.357 5.873 5.734 5.983
ns
GCLK
PLL
tco
1.352
1.533
1.983 2.082 2.296 2.307 2.333 2.189 2.405 2.415 2.321
ns
8mA
GCLK
t
co
3.171
3.414
4.827 5.232 5.749 5.609 5.909 5.358 5.875 5.736 5.985
ns
GCLK
PLL
t
co
1.347
1.529
1.983 2.083 2.297 2.308 2.334 2.190 2.407 2.417 2.323
ns
10mA
GCLK
t
co
3.157
3.399
4.809 5.213 5.730 5.590 5.890 5.339 5.857 5.718 5.967
ns
GCLK
PLL
t
co
1.333
1.514
1.965 2.064 2.278 2.289 2.315 2.171 2.389 2.399 2.305
ns
12mA
GCLK
tco
3.155
3.397
4.807 5.211 5.728 5.588 5.888 5.337 5.854 5.715 5.964
ns
GCLK
PLL
t
co
1.331
1.512
1.963 2.062 2.276 2.287 2.313 2.169 2.386 2.396 2.302
ns
DIFFERENTIAL
1.8-V SSTL
CLASS II
8mA
GCLK
t
co
3.159
3.399
4.799 5.201 5.716 5.576 5.876 5.326 5.841 5.702 5.951
ns
GCLK
PLL
t
co
1.335
1.514
1.955 2.052 2.264 2.275 2.301 2.158 2.373 2.383 2.289
ns
16mA
GCLK
t
co
3.159
3.400
4.807 5.211 5.728 5.588 5.888 5.337 5.854 5.715 5.964
ns
GCLK
PLL
t
co
1.335
1.515
1.963 2.062 2.276 2.287 2.313 2.169 2.386 2.396 2.302
ns
DIFFERENTIAL
2.5-V SSTL
CLASS I
8mA
GCLK
t
co
3.175
3.417
4.823 5.226 5.742 5.602 5.902 5.352 5.867 5.728 5.977
ns
GCLK
PLL
t
co
1.351
1.532
1.979 2.077 2.290 2.301 2.327 2.184 2.399 2.409 2.315
ns
10mA
GCLK
tco
3.175
3.417
4.823 5.226 5.742 5.602 5.902 5.352 5.867 5.728 5.977
ns
GCLK
PLL
t
co
1.351
1.532
1.979 2.077 2.290 2.301 2.327 2.184 2.399 2.409 2.315
ns
12mA
GCLK
t
co
3.165
3.407
4.813 5.216 5.732 5.592 5.892 5.342 5.858 5.719 5.968
ns
GCLK
PLL
t
co
1.341
1.522
1.969 2.067 2.280 2.291 2.317 2.174 2.390 2.400 2.306
ns
DIFFERENTIAL
2.5-V SSTL
CLASS II
16mA
GCLK
t
co
3.158
3.399
4.799 5.201 5.716 5.576 5.876 5.326 5.841 5.702 5.951
ns
GCLK
PLL
t
co
1.334
1.514
1.955 2.052 2.264 2.275 2.301 2.158 2.373 2.383 2.289
ns
Table 1–117. EP3SE80 Column Pins Output Timing Parameters (Part 4 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com