Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 306 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 306 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 302Page - Altera Corporation EP3SL340 Datasheet HTML 303Page - Altera Corporation EP3SL340 Datasheet HTML 304Page - Altera Corporation EP3SL340 Datasheet HTML 305Page - Altera Corporation EP3SL340 Datasheet HTML 306Page - Altera Corporation EP3SL340 Datasheet HTML 307Page - Altera Corporation EP3SL340 Datasheet HTML 308Page - Altera Corporation EP3SL340 Datasheet HTML 309Page - Altera Corporation EP3SL340 Datasheet HTML 310Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 341 page
background image
1–296
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.5 V
2mA
GCLK
tco
3.797
4.088
6.084 6.364 7.016 6.687 7.188 6.547 7.005 6.687 7.188
ns
GCLK
PLL
t
co
1.698
1.932
2.608 2.736 3.037 3.028 2.986 2.895 3.177 3.028 2.986
ns
4mA
GCLK
t
co
3.555
3.831
5.679 5.927 6.525 6.293 6.713 6.101 6.604 6.293 6.713
ns
GCLK
PLL
tco
1.456
1.675
2.203 2.299 2.546 2.537 2.495 2.449 2.673 2.537 2.495
ns
6mA
GCLK
t
co
3.528
3.783
5.606 5.831 6.419 6.224 6.644 6.003 6.531 6.224 6.644
ns
GCLK
PLL
t
co
1.429
1.640
2.130 2.219 2.440 2.431 2.389 2.351 2.568 2.431 2.389
ns
8mA
GCLK
t
co
3.519
3.774
5.584 5.813 6.400 6.205 6.625 5.985 6.512 6.205 6.625
ns
GCLK
PLL
t
co
1.420
1.629
2.108 2.195 2.421 2.412 2.370 2.333 2.549 2.412 2.370
ns
1.2 V
2mA
GCLK
tco
3.740
4.013
5.994 6.278 6.941 6.626 7.113 6.459 6.936 6.626 7.113
ns
GCLK
PLL
t
co
1.641
1.857
2.518 2.650 2.962 2.953 2.911 2.807 3.093 2.953 2.911
ns
4mA
GCLK
t
co
3.560
3.824
5.701 5.955 6.566 6.341 6.761 6.126 6.648 6.341 6.761
ns
GCLK
PLL
t
co
1.461
1.670
2.225 2.327 2.587 2.578 2.536 2.474 2.715 2.578 2.536
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.457
3.706
5.468 5.677 6.285 6.073 6.524 5.857 6.395 6.073 6.524
ns
GCLK
PLL
t
co
1.391
1.578
2.024 2.119 2.306 2.328 2.255 2.235 2.434 2.328 2.255
ns
12mA
GCLK
t
co
3.445
3.702
5.465 5.675 6.277 6.071 6.522 5.849 6.394 6.071 6.522
ns
GCLK
PLL
t
co
1.379
1.566
2.016 2.111 2.301 2.326 2.247 2.227 2.433 2.326 2.247
ns
SSTL-2
CLASS II
16mA
GCLK
tco
3.429
3.691
5.450 5.659 6.250 6.054 6.505 5.823 6.376 6.054 6.505
ns
GCLK
PLL
t
co
1.363
1.548
1.991 2.086 2.284 2.309 2.220 2.201 2.415 2.309 2.220
ns
SSTL-18
CLASS I
4mA
GCLK
t
co
3.497
3.748
5.512 5.726 6.301 6.119 6.539 5.893 6.422 6.119 6.539
ns
GCLK
PLL
t
co
1.398
1.593
2.041 2.131 2.324 2.313 2.271 2.241 2.459 2.313 2.271
ns
6mA
GCLK
t
co
3.482
3.734
5.509 5.724 6.299 6.118 6.538 5.891 6.420 6.118 6.538
ns
GCLK
PLL
t
co
1.383
1.588
2.039 2.130 2.323 2.311 2.269 2.239 2.457 2.311 2.269
ns
8mA
GCLK
t
co
3.471
3.722
5.492 5.707 6.282 6.108 6.528 5.874 6.411 6.108 6.528
ns
GCLK
PLL
t
co
1.372
1.577
2.029 2.120 2.313 2.294 2.252 2.222 2.448 2.294 2.252
ns
10mA
GCLK
tco
3.447
3.699
5.476 5.691 6.267 6.095 6.515 5.859 6.399 6.095 6.515
ns
GCLK
PLL
t
co
1.348
1.566
2.016 2.107 2.300 2.279 2.237 2.207 2.436 2.279 2.237
ns
12mA
GCLK
t
co
3.447
3.698
5.475 5.690 6.266 6.095 6.515 5.858 6.399 6.095 6.515
ns
GCLK
PLL
t
co
1.348
1.565
2.016 2.107 2.300 2.278 2.236 2.206 2.436 2.278 2.236
ns
Table 1–134. EP3SE260 Row Pins Output Timing Parameters (Part 3 of 5)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com