Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 310 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 310 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 306Page - Altera Corporation EP3SL340 Datasheet HTML 307Page - Altera Corporation EP3SL340 Datasheet HTML 308Page - Altera Corporation EP3SL340 Datasheet HTML 309Page - Altera Corporation EP3SL340 Datasheet HTML 310Page - Altera Corporation EP3SL340 Datasheet HTML 311Page - Altera Corporation EP3SL340 Datasheet HTML 312Page - Altera Corporation EP3SL340 Datasheet HTML 313Page - Altera Corporation EP3SL340 Datasheet HTML 314Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 341 page
background image
1–300
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–136 lists the EP3SE260 row pins input timing parameters for differential I/O
standards.
DIFFERENTIAL
2.5-V SSTL
CLASS I
GCLK
tsu
-1.153
-1.221
-1.879
-1.911
-2.067
-1.987
-2.459 -1.928 -2.084 -1.987
-2.459
ns
t
h
1.289
1.376
2.114
2.150
2.330
2.237
2.711
2.177
2.355
2.237
2.711
ns
GCLK
PLL
t
su
1.103
1.122
1.882
1.986
2.207
2.099
2.096
1.998
2.217
2.099
2.096
ns
t
h
-0.824
-0.821
-1.403
-1.493
-1.659
-1.580
-1.562 -1.493 -1.659 -1.580
-1.562
ns
DIFFERENTIAL
2.5-V SSTL
CLASS II
GCLK
t
su
-1.161
-1.233
-1.889
-1.922
-2.083
-2.003
-2.475 -1.939 -2.099 -2.003
-2.475
ns
t
h
1.297
1.388
2.124
2.161
2.346
2.253
2.727
2.188
2.370
2.253
2.727
ns
GCLK
PLL
t
su
1.095
1.110
1.872
1.975
2.191
2.083
2.080
1.987
2.202
2.083
2.080
ns
th
-0.816
-0.809
-1.393
-1.482
-1.643
-1.564
-1.546 -1.482 -1.644 -1.564
-1.546
ns
Table 1–135. EP3SE260 Column Pins Input Timing Parameters (Part 3 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–136. EP3SE260 Row Pins Input Timing Parameters (Part 1 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
GCLK
t
su
-1.332
-1.401
-1.719
-1.648 -1.841 -1.769 -2.221 -1.630 -1.815 -1.769 -2.221
ns
t
h
1.476
1.563
1.994
1.939
2.157
2.071
2.526
1.934
2.145
2.071
2.526
ns
GCLK
PLL
t
su
0.869
0.886
1.991
2.205
2.405
2.282
2.297
2.252
2.458
2.282
2.297
ns
th
-0.581
-0.578
-1.475
-1.662 -1.803 -1.711 -1.711 -1.692 -1.839 -1.711 -1.711
ns
MINI-LVDS
GCLK
t
su
-1.332
-1.401
-1.719
-1.648 -1.841 -1.769 -2.221 -1.630 -1.815 -1.769 -2.221
ns
t
h
1.476
1.563
1.994
1.939
2.157
2.071
2.526
1.934
2.145
2.071
2.526
ns
GCLK
PLL
t
su
0.869
0.886
1.991
2.205
2.405
2.282
2.297
2.252
2.458
2.282
2.297
ns
t
h
-0.581
-0.578
-1.475
-1.662 -1.803 -1.711 -1.711 -1.692 -1.839 -1.711 -1.711
ns
RSDS
GCLK
tsu
-1.332
-1.401
-1.719
-1.648 -1.841 -1.769 -2.221 -1.630 -1.815 -1.769 -2.221
ns
t
h
1.476
1.563
1.994
1.939
2.157
2.071
2.526
1.934
2.145
2.071
2.526
ns
GCLK
PLL
t
su
0.869
0.886
1.991
2.205
2.405
2.282
2.297
2.252
2.458
2.282
2.297
ns
t
h
-0.581
-0.578
-1.475
-1.662 -1.803 -1.711 -1.711 -1.692 -1.839 -1.711 -1.711
ns
DIFFERENTIAL
1.2-V
HSTL CLASS I
GCLK
t
su
-1.137
-1.216
-1.849
-1.877 -2.030 -1.953 -2.400 -1.901 -2.052 -1.953 -2.400
ns
t
h
1.274
1.369
2.088
2.122
2.297
2.206
2.656
2.156
2.330
2.206
2.656
ns
GCLK
PLL
t
su
1.064
1.071
1.866
1.981
2.216
2.098
2.118
1.985
2.221
2.098
2.118
ns
th
-0.783
-0.772
-1.384
-1.483 -1.663 -1.576 -1.581 -1.474 -1.654 -1.576 -1.581
ns
DIFFERENTIAL
1.2-V
HSTL CLASS II
GCLK
t
su
-1.137
-1.216
-1.849
-1.877 -2.030 -1.953 -2.400 -1.901 -2.052 -1.953 -2.400
ns
t
h
1.274
1.369
2.088
2.122
2.297
2.206
2.656
2.156
2.330
2.206
2.656
ns
GCLK
PLL
t
su
1.064
1.071
1.866
1.981
2.216
2.098
2.118
1.985
2.221
2.098
2.118
ns
t
h
-0.783
-0.772
-1.384
-1.483 -1.663 -1.576 -1.581 -1.474 -1.654 -1.576 -1.581
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com