Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 324 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 324 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 320Page - Altera Corporation EP3SL340 Datasheet HTML 321Page - Altera Corporation EP3SL340 Datasheet HTML 322Page - Altera Corporation EP3SL340 Datasheet HTML 323Page - Altera Corporation EP3SL340 Datasheet HTML 324Page - Altera Corporation EP3SL340 Datasheet HTML 325Page - Altera Corporation EP3SL340 Datasheet HTML 326Page - Altera Corporation EP3SL340 Datasheet HTML 327Page - Altera Corporation EP3SL340 Datasheet HTML 328Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 341 page
background image
1–314
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–156 and Table 1–157 list the regional clock timing parameters for EP3SL110
devices.
Table 1–158 and Table 1–159 list the periphery clock timing parameters for EP3SL110
devices.
.
Table 1–156. EP3SL110 Column Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.689
1.687
2.360
2.600
2.924
2.836
3.241
2.600
2.924
2.836
3.241
ns
t
COUT
1.689
1.687
2.360
2.600
2.924
2.836
3.241
2.600
2.924
2.836
3.241
ns
t
PLLCIN
-0.036
-0.038
-0.262
-0.317
-0.278
-0.239
-0.020
-0.317
-0.278
-0.239
-0.020
ns
t
PLLCOUT
-0.036
-0.038
-0.262
-0.317
-0.278
-0.239
-0.020
-0.317
-0.278
-0.239
-0.020
ns
Table 1–157. EP3SL110 Row Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.684
1.792
2.440
2.644
2.985
2.879
3.044
2.720
3.044
2.938
3.083
ns
t
COUT
1.602
1.701
2.298
2.481
2.804
2.708
2.885
2.550
2.855
2.759
2.924
ns
t
PLLCIN
0.008
0.071
-0.189
-0.276
-0.218
-0.188
-0.214
-0.209
-0.174
-0.141
-0.263
ns
t
PLLCOUT
-0.074
-0.020
-0.334
-0.439
-0.399
-0.359
-0.373
-0.379
-0.363
-0.320
-0.422
ns
Table 1–158. EP3SL110 Column Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.541
1.538
2.257
2.539
2.931
2.810
3.345
2.539
2.931
2.810
3.345
ns
t
COUT
1.541
1.538
2.257
2.539
2.931
2.810
3.345
2.539
2.931
2.810
3.345
ns
t
PLLCIN
-0.029
-0.031
-0.253
-0.310
-0.276
-0.222
-0.020
-0.310
-0.276
-0.222
-0.020
ns
t
PLLCOUT
-0.029
-0.031
-0.253
-0.310
-0.276
-0.222
-0.020
-0.310
-0.276
-0.222
-0.020
ns
Table 1–159. EP3SL110 Row Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.430
1.503
2.156
2.416
2.783
2.665
2.926
2.465
2.828
2.711
2.951
ns
t
COUT
1.348
1.412
2.011
2.253
2.602
2.494
2.767
2.295
2.639
2.532
2.792
ns
t
PLLCIN
0.015
0.072
-0.188
-0.267
-0.219
-0.180
-0.214
-0.206
-0.170
-0.133
-0.263
ns
t
PLLCOUT
-0.067
-0.019
-0.333
-0.430
-0.400
-0.351
-0.373
-0.376
-0.359
-0.312
-0.422
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com