Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 325 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 325 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 321Page - Altera Corporation EP3SL340 Datasheet HTML 322Page - Altera Corporation EP3SL340 Datasheet HTML 323Page - Altera Corporation EP3SL340 Datasheet HTML 324Page - Altera Corporation EP3SL340 Datasheet HTML 325Page - Altera Corporation EP3SL340 Datasheet HTML 326Page - Altera Corporation EP3SL340 Datasheet HTML 327Page - Altera Corporation EP3SL340 Datasheet HTML 328Page - Altera Corporation EP3SL340 Datasheet HTML 329Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–315
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
EP3SL150 Clock Timing Parameters
Table 1–160 and Table 1–161 list the global clock timing parameters for EP3SL150
devices.
Table 1–162 and Table 1–163 list the regional clock timing parameters for EP3SL150
devices.
Table 1–160. EP3SL150 Column Pin Global Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Unit
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.898
1.926
2.692
2.920
3.294
3.170
3.719
2.920
3.294
3.170
3.719
ns
t
COUT
1.898
1.926
2.692
2.920
3.294
3.170
3.719
2.920
3.294
3.170
3.719
ns
t
PLLCIN
-0.054
-0.028
-0.252
-0.342
-0.296
-0.239
-0.018
-0.342
-0.296
-0.239
-0.018
ns
t
PLLCOUT
-0.054
-0.028
-0.252
-0.342
-0.296
-0.239
-0.018
-0.342
-0.296
-0.239
-0.018
ns
Table 1–161. EP3SL150 Row Pin Global Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.868
2.010
2.750
2.982
3.347
3.224
3.506
3.048
3.400
3.293
3.549
ns
t
COUT
1.786
1.919
2.608
2.819
3.166
3.053
3.347
2.878
3.211
3.114
3.390
ns
t
PLLCIN
0.007
0.059
-0.202
-0.255
-0.231
-0.184
-0.214
-0.210
-0.173
-0.122
-0.249
ns
t
PLLCOUT
-0.075
-0.032
-0.347
-0.418
-0.412
-0.355
-0.373
-0.380
-0.362
-0.301
-0.408
ns
Table 1–162. EP3SL150 Column Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.683
1.701
2.375
2.595
2.936
2.833
3.255
2.595
2.936
2.833
3.255
ns
t
COUT
1.683
1.701
2.375
2.595
2.936
2.833
3.255
2.595
2.936
2.833
3.255
ns
t
PLLCIN
-0.043
-0.016
-0.240
-0.329
-0.284
-0.227
-0.005
-0.329
-0.284
-0.227
-0.005
ns
t
PLLCOUT
-0.043
-0.016
-0.240
-0.329
-0.284
-0.227
-0.005
-0.329
-0.284
-0.227
-0.005
ns
Table 1–163. EP3SL150 Row Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.683
1.793
2.441
2.659
2.987
2.875
3.042
2.719
3.047
2.951
3.096
ns
t
COUT
1.601
1.702
2.299
2.496
2.806
2.704
2.883
2.549
2.858
2.772
2.937
ns
t
PLLCIN
-0.007
0.068
-0.192
-0.269
-0.221
-0.188
-0.211
-0.226
-0.186
-0.135
-0.260
ns
t
PLLCOUT
-0.089
-0.023
-0.337
-0.432
-0.402
-0.359
-0.370
-0.396
-0.375
-0.314
-0.419
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com