Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 331 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 331 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 327Page - Altera Corporation EP3SL340 Datasheet HTML 328Page - Altera Corporation EP3SL340 Datasheet HTML 329Page - Altera Corporation EP3SL340 Datasheet HTML 330Page - Altera Corporation EP3SL340 Datasheet HTML 331Page - Altera Corporation EP3SL340 Datasheet HTML 332Page - Altera Corporation EP3SL340 Datasheet HTML 333Page - Altera Corporation EP3SL340 Datasheet HTML 334Page - Altera Corporation EP3SL340 Datasheet HTML 335Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–321
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
EP3SE80 Clock Timing Parameters
Table 1–184 and Table 1–185 list the global clock timing parameters for EP3SE80
devices.
Table 1–186 and Table 1–187 list the regional clock timing parameters for EP3SE80
devices.
Table 1–184. EP3SE80 Column Pin Global Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
2.037
2.059
2.879
3.127
3.524
3.430
3.989
3.127
3.524
3.430
3.989
ns
t
COUT
2.037
2.059
2.879
3.127
3.524
3.430
3.989
3.127
3.524
3.430
3.989
ns
t
PLLCIN
-0.024
-0.007
-0.235
-0.315
-0.292
-0.199
-0.042
-0.315
-0.292
-0.199
-0.042
ns
t
PLLCOUT
-0.024
-0.007
-0.235
-0.315
-0.292
-0.199
-0.042
-0.315
-0.292
-0.199
-0.042
ns
Table 1–185. EP3SE80 Row Pin Global Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.994
2.143
2.942
3.188
3.552
3.446
3.769
3.258
3.633
3.515
3.813
ns
t
COUT
1.912
2.052
2.800
3.025
3.371
3.275
3.610
3.089
3.444
3.336
3.654
ns
t
PLLCIN
0.020
0.086
-0.177
-0.249
-0.221
-0.171
-0.221
-0.199
-0.173
-0.121
-0.266
ns
t
PLLCOUT
-0.062
-0.005
-0.319
-0.412
-0.402
-0.342
-0.380
-0.369
-0.362
-0.300
-0.425
ns
Table 1–186. EP3SE80 Column Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.828
1.849
2.578
2.811
3.171
3.087
3.547
2.811
3.171
3.087
3.547
ns
t
COUT
1.828
1.849
2.578
2.811
3.171
3.087
3.547
2.811
3.171
3.087
3.547
ns
t
PLLCIN
-0.013
0.004
-0.224
-0.303
-0.280
-0.187
-0.030
-0.303
-0.280
-0.187
-0.030
ns
t
PLLCOUT
-0.013
0.004
-0.224
-0.303
-0.280
-0.187
-0.030
-0.303
-0.280
-0.187
-0.030
ns
Table 1–187. EP3SE80 Row Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.812
1.928
2.638
2.874
3.205
3.107
3.332
2.938
3.277
3.169
3.373
ns
t
COUT
1.730
1.837
2.496
2.711
3.024
2.936
3.173
2.768
3.088
2.990
3.214
ns
t
PLLCIN
0.010
0.087
-0.176
-0.259
-0.231
-0.167
-0.229
-0.210
-0.169
-0.118
-0.275
ns
t
PLLCOUT
-0.072
-0.004
-0.318
-0.422
-0.412
-0.338
-0.388
-0.380
-0.358
-0.297
-0.434
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com