Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 336 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 336 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 332Page - Altera Corporation EP3SL340 Datasheet HTML 333Page - Altera Corporation EP3SL340 Datasheet HTML 334Page - Altera Corporation EP3SL340 Datasheet HTML 335Page - Altera Corporation EP3SL340 Datasheet HTML 336Page - Altera Corporation EP3SL340 Datasheet HTML 337Page - Altera Corporation EP3SL340 Datasheet HTML 338Page - Altera Corporation EP3SL340 Datasheet HTML 339Page - Altera Corporation EP3SL340 Datasheet HTML 340Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 341 page
background image
1–326
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Glossary
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Glossary
The following table lists the glossary for this chapter.
Table 1.
Glossary Table (Part 1 of 4)
Letter
Subject
Definitions
A
——
B
——
C
——
D
Differential I/O
Standards
Receiver Input Waveforms
Transmitter Output Waveforms
E
—
—
F
fH SCL K
High-Speed I/O Block: High-speed receiver/transmitter input and output clock frequency.
fHSDR
High-Speed I/O Block: Maximum/minimum LVDS data transfer rate
(fHSDR = 1/TUI), non-DPA.
fHSDRDPA
High-Speed I/O Block: Maximum/minimum LVDS data transfer rate
(fHSDRDPA = 1/TUI), DPA.
G
——
H
——
I
——
Single-Ended Waveform
Differential Waveform
Positive Channel (p) = VIH
Negative Channel (n) = VIL
Ground
VID
VID
VID
p
− n = 0 V
VCM
Single-Ended Waveform
Differential Waveform
Positive Channel (p) = VOH
Negative Channel (n) = VOL
Ground
VOD
VOD
VOD
p
− n = 0 V
VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com