Electronic Components Datasheet Search
  English  ▼

X  

LT3797 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3797
Description  Triple Output LED Driver Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3797 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3797 Datasheet HTML 4Page - Linear Technology LT3797 Datasheet HTML 5Page - Linear Technology LT3797 Datasheet HTML 6Page - Linear Technology LT3797 Datasheet HTML 7Page - Linear Technology LT3797 Datasheet HTML 8Page - Linear Technology LT3797 Datasheet HTML 9Page - Linear Technology LT3797 Datasheet HTML 10Page - Linear Technology LT3797 Datasheet HTML 11Page - Linear Technology LT3797 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LT3797
8
3797f
For more information www.linear.com/LT3797
PIN FUNCTIONS
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise noted.
INTVCC vs Temperature, VIN
INTVCC Current Limit vs VIN, fSW
Top Gate (PMOS) Rise/Fall Time
vs Capacitance
FLT1,FLT2,FLT3(Pins1,2,3):Open-CollectorPull-Downs
on FLT Pins Report The Fault Conditions:
1. VIN > 41V (typical)
2. Overtemperature (TJ > 165°C)
3. INTVCC < 5.2V (typical)
4. OVLO > 1.25V (typical)
5. LED Overcurrent
6. Open LED
7. Output Overvoltage
PWM1, PWM2, PWM3 (Pins 4, 5, 6): Pulse Width Modu-
latedInputPins.Signallowcausestherespectiveconverter
to go into idle mode which means it stops switching, the
TGpintransitionshigh,thequiescentcurrentsarereduced,
and the VC becomes high impedance. If not used, connect
to the REF pin.
VREF (Pin 7): Reference Output Pin. Can supply up to
450µA. This pin drives a resistor divider for the CTRL1,
CTRL2, CTRL3 pins, either for analog dimming or for
temperature limit/compensation of LED loads. The normal
output voltage is 2V.
CTRL1, CTRL2, CTRL3 (Pins 8, 9, 10): Current Sense
Threshold Adjustment Pins. Sets voltage across external
sense resistor between ISP and ISN pins of the respective
converter:
VISP-ISN = 0V, when VCTRL < 0.2V
VISP-ISN = (VCTRL – 0.2V)/4, when 0.2V < VCTRL < 1.2V
VISP-ISN = 250mV, when VCTRL >1.2V
ConnectCTRLpinstoVREFforthe250mVdefaultthreshold.
When VCTRL < 150mV (typical), the respective converter
goes into idle mode, which is the same as PWM pin being
pulled low. Do not leave these pins open.
RT (Pin 11): Switching Frequency Adjustment Pin. Set
the frequency using a resistor to GND. Do not leave the
RT pin open.
SYNC (Pin 12): The SYNC pin is used to synchronize the
internal oscillator to an external logic-level signal. The RT
resistorshouldbechosentoprogramaninternalswitching
frequency20%slowerthantheSYNCpulsefrequency.Gate
turn-on occurs at a 0.2µs (typical) delay after the rising
edge of SYNC. Tie SYNC to GND if not used.
TEMPERATURE (°C)
–50
7.450
7.475
7.500
7.525
7.550
–25
0
25
50
3797 G19
75
100 125
VIN = 2.5V
VIN = 40V
VIN = 24V
CAPACITANCE (nF)
0
400
800
1200
200
600
1000
2
4
6
8
3797 G21
10
1
0
3
5
7
9
RISE TIME
FALL TIME
VIN (V)
0
150
200
250
3739 G20
100
50
125
175
225
75
25
0
3 6 9 12 15 18 21 24 27 30 33 36 39
L = 47µH
100kHz
200kHz
300kHz
400kHz
500kHz
600kHz
>900kHz
700kHz
800kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com